Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9DMV0141B Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 9DMV0141B
Description  2:1 1.8V PCIe Gen1–5 Clock Mux
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DMV0141B Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 9DMV0141B Datasheet HTML 4Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 5Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 6Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 7Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 8Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 9Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 10Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 11Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
©2025 Renesas Electronics Corporation
R31DS0040EU0300 December 15,
9DMV0131B/9DMV0141B Datasheet
1 Guaranteed by design and characterization, not 100% tested in production.
2 Input clock stopped after outputs have parked Low/Low.
1 Guaranteed by design and characterization, not 100% tested in production.
2 Measured from differential waveform.
3 Duty cycle distortion is the difference in duty cycle between the output and the input clock.
1 The Refclk jitter is measured after applying the filter functions found in PCI Express Base Specification 7.0, Revision 1.0. See the Test Loads section
of the data sheet for the exact measurement setup. The worst case results for each data rate are summarized in this table. Equipment noise is
removed from all measurements.
2 Jitter measurements shall be made with a capture of at least 100,000 clock cycles captured by a real-time oscilloscope (RTO) with a sample rate
of 20 GS/s or greater. Broadband oscilloscope noise must be minimized in the measurement. The measured PP jitter is used (no extrapolation) for
RTO measurements. Alternately - Jitter measurements may be used with a Phase Noise Analyzer (PNA) extending (flat) and integrating and folding
the frequency content up to an offset from the carrier frequency of at least 200 MHz (at 300 MHz absolute frequency) below the Nyquist frequency.
For PNA measurements for the 2.5GT/s data rate, the RMS jitter is converted to peak-to-peak jitter using a multiplication factor of 8.83.
Table 9. Current Consumption
Symbol
Parameter
Conditions
Minimum
Typical Maximum
Unit Notes
IDDOP Operating Supply Current VDD rails, all outputs active at 100MHz.
7.9
12
mA
IDDDIS Disable Current
VDD rails, all outputs disabled Low/Low.
1.5
2.5
mA
2
Table 10. Output Duty Cycle, Jitter, Skew and PLL Characteristics
Symbol
Parameter
Conditions
Minimum
Typical Maximum
Unit Notes
tDCD Duty Cycle Distortion
Measured differentially, at 100MHz.
-0.5
-0.12
0.5
%
1,3
tpdBYP Skew, Input to Output
VT = 50%.
1800
2409
3000
ps
1
tjcyc-cyc Jitter, Cycle to Cycle
Additive Jitter.
5
ps
1,2
Table 11. PCIe Refclk Phase Jitter [1] [2]
TAMB = over the specified operating range. Supply Voltages per normal operation conditions. See Test Loads for loading conditions
Symbol
Parameter
Conditions
Typical Maximum
PCIe
Specification
Unit
tjphPCIeG1-CC
Additive PCIe Phase Jitter in
Fan-out Buffer Mode
(Common Clocked Architecture)
SSC ≤ -0.5%
PCIe Gen1 (2.5 GT/s)
1.7
3.0
[5]
ps pk-pk
tjphPCIeG2-CC
PCIe Gen2 Hi Band (5 GT/s)
0.122
0.199
ps RMS
PCIe Gen2 Lo Band (5 GT/s)
0.033
0.049
tjphPCIeG3-CC
PCIe Gen3 (8 GT/s)
0.059
0.098
tjphPCIeG4-CC
PCIe Gen4 (16 GT/s) [3] [6]
0.059
0.098
tjphPCIeG5-CC
PCIe Gen5 (32 GT/s) [3] [7]
0.023
0.038
tjphPCIeG1-SRIS
Additive PCIe Phase Jitter in
Fan-out Buffer Mode
(SRIS Architecture) [4]
SSC ≤ -0.3%
PCIe Gen1 (2.5 GT/s)
0.175
0.275
N/A
ps RMS
tjphPCIeG2-SRIS
PCIe Gen2 (5 GT/s)
0.156
0.247
tjphPCIeG3-SRIS
PCIe Gen3 (8 GT/s)
0.041
0.064
tjphPCIeG4-SRIS
PCIe Gen4 (16 GT/s)
0.043
0.066
tjphPCIeG5-SRIS
PCIe Gen5 (32 GT/s)
0.036
0.059



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com