Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9DMV0141B Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 9DMV0141B
Description  2:1 1.8V PCIe Gen1–5 Clock Mux
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DMV0141B Datasheet(HTML) 4 Page - Renesas Technology Corp

  9DMV0141B Datasheet HTML 1Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 2Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 3Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 4Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 5Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 6Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 7Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 8Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
©2025 Renesas Electronics Corporation
R31DS0040EU0300 December 15,
9DMV0131B/9DMV0141B Datasheet
12
VDD1.8
Power
Power supply, nominally 1.8V.
13
NC
—
No connection.
14
^SEL_A_B#
Input
Input to select differential input clock A or differential input clock B. This input has an internal pull-up
resistor.
0 = Input B selected, 1 = Input A selected.
15
DIF_INA
Input
True input of differential clock.
16
DIF_INA#
Input
Complement input of differential clock.
Table 2. Power Management
OEx# Pin
DIF_IN
DIFx
True O/P
Complementary O/P
0
Running
Running
Running
1
Running
Low
Low
Table 3. Power Connections
Pin Number
Description
VDD
GND
2
1
Input A receiver analog.
3
4
Input B receiver analog.
12
11
DIF outputs,
Table 1. Pin Descriptions (Cont.)
Number
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com