Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9DMV0141B Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 9DMV0141B
Description  2:1 1.8V PCIe Gen1–5 Clock Mux
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DMV0141B Datasheet(HTML) 5 Page - Renesas Technology Corp

  9DMV0141B Datasheet HTML 1Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 2Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 3Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 4Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 5Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 6Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 7Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 8Page - Renesas Technology Corp 9DMV0141B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
©2025 Renesas Electronics Corporation
R31DS0040EU0300 December 15,
9DMV0131B/9DMV0141B Datasheet
Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can cause permanent damage to the
device. Functional operation of the 9DMV0131B/9DMV0141B at absolute maximum ratings is not implied. Exposure to absolute
maximum rating conditions may affect device reliability.
1 Guaranteed by design and characterization, not 100% tested in production.
2 Operation under these conditions is neither implied nor guaranteed.
3 Not to exceed 2.5V.
Thermal Characteristics
1 EPAD soldered to board.
Table 4. Absolute Maximum Ratings
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Unit
Notes
VDDxx
Supply Voltage
Applies to all VDD pins.
-0.5
2.5
V
1,2
VIN
Input Voltage
-0.5
VDD + 0.5V
V
1,3
Ts
Storage Temperature
-65
150
°C
1
Tj
Junction Temperature
125
°C
1
ESD prot Input ESD protection
Human Body Model.
2000
V
1
Table 5. Thermal Characteristics
Symbol
Parameter
Conditions
Package
Value
Unit
Notes
θJC
Thermal Resistance
Junction to case.
NLG16
66
°C/W
1
θJB
Junction to board.
5
°C/W
1
θJA0
Junction to air, still air.
63
°C/W
1
θJA1
Junction to air, 1m/s air flow.
56
°C/W
1
θJA2
Junction to air, 3m/s air flow.
51
°C/W
1
θJA3
Junction to air, 5m/s air flow.
49
°C/W
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com