Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CFW2000 Datasheet(PDF) 6 Page - TOKYO KEISO CO.,LTD.

Part # CFW2000
Description  Flowmeter for air conditioner ONE-TOUCH FLOW
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

CFW2000 Datasheet(HTML) 6 Page - TOKYO KEISO CO.,LTD.

  CFW2000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CFW2000 Series PORTABLE AND DETACHABLE
TG-F2557-E00
6
LINING PIPING
❏
Only scale range 2 is available for the pipe lined with PVC. The
flow rate is based on when the flow runs through the inside
diameter of the pipe which consists of a tee joint of the Eslo
coat LX made by Sekisui Chemical Co.'s Eslon®. If you use
other fittings, additional calibration is needed. Please check“D”
and“L”in the drawing below and contact us.
❏
When the main pipe size is between 32 mm and 150 mm,
provide either one of the following tee joint and bushing
assembly to make the connection size 20 mm:
– A tee joint with 25 mm in branch line + A bushing with 25 mm
x 20 mm
– A tee joint with larger than 25 mm in branch line + One or more
bushings in series to make the final connection size 20 mm
For further consultation inform us of the dimension“L”in the
following drawing
ORDERING INFORMATION
❏
Inform us the kind of your pipe and installation method when
inquiring or ordering the flowmeter.
CAUTIONS ON USING CFW2000 SERIES
CAUTION
This flowmeter has a glass tube which is subject to the pressure
from the piping. Avoid the use of CFW2000 Series for the
following services.
1. Liquid services subject to impulse pressure in the process.
2. Secondary accidents might occur due to the breakage of glass
in such services :
• Toxic fluids such as poisons, stimulant and narcotics
• Flammable fluids
• Explosive fluids
3. Any services where scattering of glass fragments might cause a
serious injury.
4. The installation places of the flowmeters where breakage of
glass might be caused by the accidents from the surrounding
piping or equipment.
5. On-off operation where breakage of glass might be caused by
the collision of the float inside meter due to the abrupt change
of flow.
6. Services where the heat shock by abrupt change of temperature.
L
φD
32mm
or more
Bushing
(R1×Rc3/4)
OTHER PIPING
❏
Available for other piping. Consult factory for details. Inform of
the type of piping and dimension of“L”and“D”of the
following figure.
L
φD
Rc3/4
Head Ofce : Shiba Toho Building, 1 – 7 – 24 Shibakoen, Minato-ku, Tokyo 105 – 8558
Tel : +81-3 – 3431 – 1625 (KEY) ; Fax : +81-3 – 3433 – 4922
e-mail : overseas.sales@tokyokeiso.co.jp ; URL : https://www.tokyokeiso.co.jp
* Specication is subject to change without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com