Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CFW2000 Datasheet(PDF) 3 Page - TOKYO KEISO CO.,LTD.

Part # CFW2000
Description  Flowmeter for air conditioner ONE-TOUCH FLOW
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

CFW2000 Datasheet(HTML) 3 Page - TOKYO KEISO CO.,LTD.

  CFW2000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TG-F2557-E00
CFW2000 Series PORTABLE AND DETACHABLE
TOKYO KEISO CO., LTD.
3
DIMENSION AND MATERIAL
Indicator (CFIW222□)
Indicator (CFIW242□)
1
2
6
5
4
3
88
( 110)
50
( 16)
( 22)
Pitot tube hole
(Upstream)
Flow direction
R3/4
CFNW fixing nozzle
CFNW□□□-□-B
No.
Parts name
Material
Fitting
SCS14*1
Pitot tube
SUS316
O ring
NBR
Valve
SCS14
Axis
SUS316
O ring
NBR
Cap nut
SCS13
Cover cap
ABS
Socket
SS400*2
Three-way socket
FCMB*3
Dew prevention
cover
EVA
CFIW2□2□-□□□□-□0-B
No.
Parts name
Material
Tapered tube
Heat-resistant
glass
Float
Titanium
Upper body
SCS 14
(CFIW2200) SCS14/CAC406
Lower
body (CFIW2400) CAC406
Strainer
SUS316
O ring
NBR
Sight glass
Heat-resistant
glass
Cap
SUS316
Air elimination
plug
SUS316
Cap nut
SCS13
Cover
SUS304
Handle
SUS304
Dew prevention cover
(Option)
⑨ Dew prevention cover
70
The handle is not fitted in.
(Insert the handle to operate the valve)
8
32
( φ 52)
53
30
7
3
10
1
2
6
5
4
3
11
9
32
( φ 52)
68
11
9
53
8
7
3
10
1
2
6
5
4
3
Length of Pitot tube “I”
Size
*4
*5
20 mm
30
25 mm
32
32 mm
42
65
40 mm
63
70
50 mm
69
76
65 mm
79
88
80 mm
88
98
100 mm
102
115
125 mm
117
131
150 mm
133
148
200 mm
98
250 mm
113
300 mm
128
350 mm
135
400 mm
151
450 mm
166
*4 For SGP and STPG pipes
*5 For PVC lining pipes
3/ 4
39
Rc3/4
B
2- d
φ D
⑦ Socket
Dimensions of three-way
socket (JIS B 2301)
Size
d
A
B
20 mm Rc3/4
33
33
25 mm Rc1
35
36
32 mm Rc11/4
36
41
⑧ Three-way socket
*6 The dimension of “I” in Pitot tube is typical one which is our standard. The
dimension may change depending on your pipes or sockets. In such case please
check “D” and “L” in the figure at the end of this document and the kind of pipe,
and then contact us.
(*4, *5)
Open
Close
(Model code : /CFS)
(Model code : /CFT)
(Model code : /COV)
*1
*2 The socket made of SS400 is supplied as
an accessory upon request. The socket
made of other than SS400 is supplied by
the customers.
*3 For the Indicator CFIW 1MPa class, three-
way socket is supplied upon request. Its
material other than FCMB is provided by
customers. For the Indicator CFIW 2MPa
class, the part made of proper material
such as S25C is selected and provided by
customers considering pipe sch40.
CAC406 is available as the material of
fitting on request. Optional code :/BC6
20 to 32 mm, only for
20 to 32 mm, only for 1 MPa class
40 mm or more, common to
Indicator CFIW 1 and 2MPa classes
Indicator CFIW 1MPa class



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com