Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CFW2000 Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # CFW2000
Description  Flowmeter for air conditioner ONE-TOUCH FLOW
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

CFW2000 Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  CFW2000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Static
pressure inlet
Pitot tube
Pipe
Pressure inlet
Tapered tube
Float
Indicator
TG-F2557-E00
Sep 2024
1st edition
K
Flowmeter for air conditioner
ONE-TOUCH FLOW
CFW2000 Series
PORTABLE AND DETACHABLE
GENERAL
The CFW2000 is the liquid flowmeter mainly designed for air
conditioner. The flow rate is detected by the differential pressure
which is created by a Pitot tube inserted into the pipe.
As the indicator is compatible with 4 different line sizes as per
customers’choice, one indicator can be commonly used for
4 different pipes by just installing the fixing nozzles on them.
It saves space and cost for the services where no continuous
monitoring is required. Thus, the portable and detachable
indicator,“ONE-TOUCH FLOW”is most suitable for the
measurement of cold and hot water for the air conditioning
system in collective housings, office buildings and other
facilities.
FEATURES
❏
Portable indicator is detachable with one touch action
❏
Just weld a 20 mm (3/4 inch) socket in the existing pipe and
screw the flowmeter into the socket
❏
Minimum pressure loss
60°C hot water in red and 7°C cold water in blue with double
scales
❏
For both horizontal and vertical pipes
❏
One indicator can be commonly used for 4 different pipes.
❏
Light weight, cost effective and quick delivery
MEASURING PRINCIPLE
The Pitot tube inserted into the pipe which have two pressure
inlets, one for the total pressure (dynamic + static pressure) and
the other one for static pressure only. The liquid is introduced into
the flowmeter as a bypass line by the pressure difference of the
total and static pressure as shown by an arrow ← in the following
schematics. The flow going through the tapered tube makes the
float stay at a position on the scale corresponding to the total flow
rate in the pipe.
STANDARD SPECIFICATIONS
・Measuring liquid
: Water, Cold water, Hot water
・Main pipe size
: 20 mm (3/4") to 450 mm (18")
・Indication accuracy
: ± 5% (F.S.)
・Max. operating pressure
CFIW2 □ 2 □ - □□□□ -10 1.0 MPa
CFIW2 □ 2 □ - □□□□ -20 2.2 MPa
・Operating temperature : 0 to 80°C
The operating temperature is typical one which may
change according to operating or environment
conditions. (Use the lining or plastics pipe within its
allowable temperature).
・Mass
Indicator : CFIW2 □ 2 □
Approx.1.3 kg
Fixing nozzle CFNW □□□ Approx.1.0 kg
Dew prevention cover
(option)
The dew prevention
cover is detachable
with one touch action.


Similar Part No. - CFW2000

ManufacturerPart #DatasheetDescription
logo
TOKYO KEISO CO.,LTD.
CFW1000 KEISO-CFW1000 Datasheet
434Kb / 6P
STATIONARY USE
Mar 2020
logo
Murata Manufacturing Co...
CFWKA450K MURATA-CFWKA450K Datasheet
1Mb / 78P
Ceramic Discriminators for Communications Equipment
CFWKA450KBFY MURATA-CFWKA450KBFY Datasheet
1Mb / 78P
Ceramic Discriminators for Communications Equipment
CFWKA450KBFY001-R0 MURATA-CFWKA450KBFY001-R0 Datasheet
1Mb / 78P
Ceramic Discriminators for Communications Equipment
logo
Murata Manufacturing Co...
CFWKA450KBFY001-R0 MURATA1-CFWKA450KBFY001-R0 Datasheet
342Kb / 3P
Filters
04/11/2024
More results

Similar Description - CFW2000

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP557 TOSHIBA-TLP557_07 Datasheet
196Kb / 7P
Inverter For Air Conditioner
logo
Fuji Electric
EDS6-61H FUJI-EDS6-61H Datasheet
471Kb / 8P
COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW)
EDS6-64A FUJI-EDS6-64A Datasheet
525Kb / 8P
COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW)
EDS6-65 FUJI-EDS6-65 Datasheet
533Kb / 8P
COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW, SEPARATE TYPE)
EDS6-73G FUJI-EDS6-73G Datasheet
203Kb / 6P
COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW)
EDS6-74B FUJI-EDS6-74B Datasheet
249Kb / 8P
COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW, SEPARATE TYPE)
EDS6-123I FUJI-EDS6-123I Datasheet
907Kb / 8P
ULTRASONIC FLOWMETER < M-Flow PW>
logo
Panasonic Semiconductor
ALFG2PF12 PANASONIC-ALFG2PF12 Datasheet
112Kb / 5P
Load for air conditioner 1a 20A power relays
logo
List of Unclassifed Man...
AHP-1800 ETC2-AHP-1800 Datasheet
217Kb / 1P
Hazardous Location Air Conditioner
KQ2 ETC-KQ2 Datasheet
10Mb / 120P
One-touch Fittings
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com