Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CFW2000 Datasheet(PDF) 5 Page - TOKYO KEISO CO.,LTD.

Part # CFW2000
Description  Flowmeter for air conditioner ONE-TOUCH FLOW
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

CFW2000 Datasheet(HTML) 5 Page - TOKYO KEISO CO.,LTD.

  CFW2000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TG-F2557-E00
CFW2000 Series PORTABLE AND DETACHABLE
TOKYO KEISO CO., LTD.
5
SUGGESTIONS
❏
Install the fixing nozzles on the main pipes in advance. Measure
the flow rate by fixing the indicator on them when required. One
indicator can measure the flow rates of maximum 4 different
sizes of the standard pipe. However it measures one flow rate of
one size of non-standard pipe.
Following table shows the indicator commonly used for the
combination of measuring pipes.
Kinds of measuring pipes
Can an
indicator be
used
commonly?
A combination of three-way sockets 20 to 32mm
(JIS B2301) and 40 to 450 mm SGP pipes (JIS
G3452)*6
Yes
For 4 different
sizes of pipes
A combination of three-way sockets 20 to 32mm
(for Sch.40 pipes) and 40 to 450 mm STPG pipes
(JIS G3454 Sch 40)*7
Yes
For 4 different
sizes of pipes
・A mixed combination of above *6 and*7
・Three-way sockets with 40 mm or larger
・Non-standard pipes in inside diameters
・Resin pipes
・Lining pipes in general
No
An indicator
per
one pipe size
❏
The model CFIW2 □ 2 □ - □□□□ -10 flowmeter is calibrated
based on the inside diameter of JIS G3452 SGP. The model
CFIW2 □ 2 □ - □ □ □ □ -20 flowmeter is calibrated on JIS
G3454 STPG Sch.40. If pipes are different from above, consult
TOKYO KEISO. Specific calibration is required.
❏
Run the fluid fully in the pipe. Otherwise it could not be
measured.
Socket 3/4
Straight pipe 40 to 450 mm
Branch 3/4
Three-way socket 20 to 32 mm
One indicator can measure the flow rates of
maximum 4 different sizes
Cover cap
Cover cap
HOT AND COLD INSULATION
❏
When the fixing nozzle is insulated up to the end of the cap nut
as shown in the drawing below, the fixing nozzle may get a dew
condensation due to the fluid temperature. To prevent a dew
condensation the dew prevention cover can be provided on
request. See page 3. The distance between the end of cap nut
and the central end of the cover cap is 53 mm. Do not insulate
this part. If this part is insulated, the dew prevention cover
cannot be put on.
Insulation
Dew prevention
cover
End of cap nut
53
Central end of cover cap
After putting on the cover
Put on the dew prevention cover
by pushing forward.
HOW TO MEASURE
1) Open the cap of the CFNW fixing nozzle.
2) Insert the CFIW indicator into the CFNW nozzle, and fix the
CFIW indicator by tightening up the cap nut. At this time, be
careful that the tapered tube of CFIW indicator must be
vertical. Confirm that the scale range corresponds to the size of
the main pipe.
3) Move a valve handle to“Open”when installation is completed.
Liquids run through indicator and it starts to measure the flow
rate.
4) Conduct this in reverse procedure to finish measurement
HOW TO STORE AFTER MEASURING
The CFIW indicator has been delivered with the carrying case as
shown below. Store the indicator in it after measuring the flow rate.
An air elimination plug, a wrench used for opening and closing
caps on the top and bottom of indicator, a brush for cleaning
the tapered tube are contained in the case. Use them for the
maintenance.
Wrench for
indicator
Brush for
indicator
Carrying case



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com