Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CFW2000 Datasheet(PDF) 4 Page - TOKYO KEISO CO.,LTD.

Part # CFW2000
Description  Flowmeter for air conditioner ONE-TOUCH FLOW
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

CFW2000 Datasheet(HTML) 4 Page - TOKYO KEISO CO.,LTD.

  CFW2000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. CFW2000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TG-F2557-E00
CFW2000 Series PORTABLE AND DETACHABLE
4
TOKYO KEISO CO., LTD.
INSTALLATION, STRAIGHT RUNS AND ASSEMBLY DRAWING
●
Horizontal installation(CFW2200 series)
●
Vertical installation (CFW2400 series)
●
Installation
1) Keep the upstream and downstream straight runs as follows.
Pipe size
Upstream
Downstream
32 mm or less(☆)
10D or more
5D or more
40 mm or more(★)
5D or more
3D or more
Note : D is the inside diameter of main pipe.
●
Assembly drawing
☆
☆
☆
☆
Socket 3/4
★
★
★
★
☆
☆
☆
☆
★
★
★
★
φ 35
Welding
Screwing
Welding
Fitting
Cap nut
O ring
(S31.5)
Valve
Indicator
Set screw
Socket
Piping
Socket
Fitting
Set screw
Cap nut
O ring
(S31.5)
Valve
Indicator
Piping
39
2) To install the flowmeters, drill a hole of 35mm diameter into the pipe
having more than or equal to 40mm diameter. Use the three-way socket
for the pipe having 20 to 32 mm diameter. Select and drill the hole at
right place so that the final fixed posture of tapered tube should be
vertical.
3) Weld the socket to the drilled hole. The centerline of the socket must be
perpendicular to the one of the pipe.
4) Screw the CFNW fixing nozzle into the welded socket to complete the
installation.
Fix
ing
by
scr
ew
Three-way socket
20 to32 mm
Straight pipe 40 to 450 mm
Three-way socket
20 to 32 mm
Straight pipe
40 to 450 mm
Branch 3/4
Branch 3/4
Socket 3/4
Fixing by screw
Fixing by screw
Welding
Scr
ewi
ng
We
ldin
g
Fix
ing
by
scr
ew



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com