Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F147IPM.B Datasheet(PDF) 17 Page - Texas Instruments

Part # MSP430F147IPM.B
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F147IPM.B Datasheet(HTML) 17 Page - Texas Instruments

Back Button MSP430F147IPM.B Datasheet HTML 13Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 14Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 15Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 16Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 17Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 18Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 19Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 20Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 88 page
background image
1.8
4.15
8.0
Supply Voltage (V)
Supply voltage range during
flash memory programming
or program execution
Supply voltage range
during program
execution
2.7
3.2
3.6
17
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
www.ti.com
SLAS272H – JULY 2000 – REVISED MAY 2018
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Specifications
Copyright © 2000–2018, Texas Instruments Incorporated
Figure 5-1. Frequency vs Supply Voltage
(1)
Timer_B is clocked by f(DCOCLK) = 1 MHz. All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current.
(2)
Timer_B is clocked by f(ACLK) = 32768 Hz. All inputs are tied to 0 V or to VCC. Outputs do not source or sink any current. The current
consumption in LPM2 and LPM3 are measured with ACLK selected.
5.4
Supply Current Into AVCC and DVCC Excluding External Current
over recommended operating supply voltage and free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
VCC
MIN
TYP
MAX
UNIT
I(AM)
Active mode supply
current(1)
f(MCLK) = f(SMCLK) = 1 MHz,
f(ACLK) = 32768 Hz,
XTS = 0, SELM = 0 or 1
–40°C to 85°C
2.2 V
280
360
µA
3 V
420
560
f(MCLK) = f(SMCLK) = f(ACLK) = 4096 Hz,
XTS = 0, SELM = 3
–40°C to 85°C
2.2 V
2.5
7
3 V
9
20
I(LPM0)
Low-power mode 0
(LPM0) supply current(1)
–40°C to 85°C
2.2 V
32
45
µA
3 V
55
70
I(LPM2)
Low-power mode 2
(LPM2) supply current
f(MCLK) = f(SMCLK) = 0 MHz,
f(ACLK) = 32768 Hz, SCG0 = 0
–40°C to 85°C
2.2 V
11
14
µA
3 V
17
22
I(LPM3)
Low-power mode 3
(LPM3) supply current
f(MCLK) = f(SMCLK) = 0 MHz,
f(ACLK) = 32768 Hz, SCG0 = 1
(2)
–40°C
2.2 V
0.8
1.5
µA
25°C
0.9
1.5
85°C
1.6
2.8
−40°C
3 V
1.8
2.2
25°C
1.6
1.9
85°C
2.3
3.9
I(LPM4)
Low-power mode 4
(LPM4) supply current
f(MCLK) = f(SMCLK) = f(ACLK) = 0 MHz,
SCG0 = 1
−40°C
2.2 V
0.1
0.5
µA
25°C
0.1
0.5
85°C
0.8
2.5
−40°C
3 V
0.1
0.5
25°C
0.1
0.5
85°C
0.8
2.5
Current consumption of active mode versus system frequency
I(AM) = I(AM) [1 MHz] × f(System) [MHz]
Current consumption of active mode versus supply voltage
I(AM) = I(AM) [3 V] + 175 µA/V × (VCC – 3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com