Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F147IPM.B Datasheet(PDF) 22 Page - Texas Instruments

Part # MSP430F147IPM.B
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F147IPM.B Datasheet(HTML) 22 Page - Texas Instruments

Back Button MSP430F147IPM.B Datasheet HTML 18Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 19Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 20Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 21Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 22Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 23Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 24Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 25Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
Overdrive
V
CAOUT
t
(response)
V+
V−
400 mV
_
+
CAON
0
1
V+
0
1
CAF
Low-pass filter
τ ≈ 2.0 µs
To internal modules
Set CAIFG flag
CAOUT
V−
V
CC
1
0 V
0
400
450
500
550
600
650
−45
−25
−5
15
35
55
75
95
T , Free-Air Temperature (°C)
A
V
= 2.2 V
CC
Typical
T , Free-Air Temperature (°C)
A
400
450
500
550
600
650
−45
−25
−5
15
35
55
75
95
V
= 3 V
CC
Typical
22
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
SLAS272H – JULY 2000 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Specifications
Copyright © 2000–2018, Texas Instruments Incorporated
5.16 Typical Characteristics – Comparator_A
Figure 5-6. V(RefVT) vs Temperature, VCC = 3 V
Figure 5-7. V(RefVT) vs Temperature, VCC = 2.2 V
Figure 5-8. Block Diagram of Comparator_A Module
Figure 5-9. Overdrive Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com