Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F147IPM.B Datasheet(PDF) 30 Page - Texas Instruments

Part # MSP430F147IPM.B
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F147IPM.B Datasheet(HTML) 30 Page - Texas Instruments

Back Button MSP430F147IPM.B Datasheet HTML 26Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 27Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 28Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 29Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 30Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 31Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 32Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 33Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 88 page
background image
30
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
SLAS272H – JULY 2000 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Specifications
Copyright © 2000–2018, Texas Instruments Incorporated
(1)
Not production tested, limits verified by design
(2)
The condition is that the error in a conversion started after tADC12ON is less than ±0.5 LSB. The reference and input signal are already
settled.
(3)
Approximately 10 Tau (τ) are needed to get an error of less than ±0.5 LSB:
tSample = ln(2
n+1) × (R
S + RI) × CI + 800 ns, where n = ADC resolution = 12, RS = external source resistance
5.26 12-Bit ADC, Timing Parameters
over recommended operating supply voltage and free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fADC12CLK
ADC clock frequency
For specified performance of ADC12 linearity
parameters
2.2 V, 3 V
0.45
5
6.3
MHz
fADC12OSC
Internal ADC12 oscillator
ADC12DIV = 0, fADC12CLK = fADC12OSC
2.2 V, 3 V
3.7
6.3
MHz
tCONVERT
Conversion time
CVREF+ ≥ 5 µF, internal oscillator,
fADC12OSC = 3.7 MHz to 6.3 MHz
2.2 V, 3 V
2.06
3.51
µs
External fADC12CLK from ACLK, MCLK or
SMCLK, ADC12SSEL
≠ 0
13 ×
1/fADC12CLK
tADC12ON
Turn-on settling time of
the ADC(1)
See (2)
100
ns
tSample
Sampling time(1)
RS = 400 Ω, RI = 1000 Ω, CI = 30 pF,
τ = [RS + RI] × CI
(3)
3 V
1220
ns
2.2 V
1400
5.27 12-Bit ADC, Linearity Parameters
over recommended operating supply voltage and free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
EI
Integral
linearity error
1.4 V
≤ (VVeREF+ – VVREF-/VeREF-)min ≤ 1.6 V
2.2 V, 3 V
±2
LSB
1.6 V < (VVeREF+ – VVREF-/VeREF-)min ≤ VAVCC
±1.7
ED
Differential
linearity error
(VVeREF+ – VVREF-/VeREF-)min ≤ (VVeREF+ – VVREF-/VeREF-),
CVREF+ = 10 µF (tantalum) and 100 nF (ceramic)
2.2 V, 3 V
±1
LSB
EO
Offset error
(VVeREF+ – VVREF-/VeREF-)min ≤ (VVeREF+ – VVREF-/VeREF-),
Internal impedance of source RS < 100 Ω,
CVREF+ = 10 µF (tantalum) and 100 nF (ceramic)
2.2 V, 3 V
±2
±4
LSB
EG
Gain error
(VVeREF+ – VVREF-/VeREF-)min ≤ (VVeREF+ – VVREF-/VeREF-),
CVREF+ = 10 µF (tantalum) and 100 nF (ceramic)
2.2 V, 3 V
±1.1
±2
LSB
ET
Total unadjusted
error
(VVeREF+ – VVREF-/VeREF-)min ≤ (VVeREF+ – VVREF-/VeREF-),
CVREF+ = 10 µF (tantalum) and 100 nF (ceramic)
2.2 V, 3 V
±2
±5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com