Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F147IPM.B Datasheet(PDF) 29 Page - Texas Instruments

Part # MSP430F147IPM.B
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430F147IPM.B Datasheet(HTML) 29 Page - Texas Instruments

Back Button MSP430F147IPM.B Datasheet HTML 25Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 26Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 27Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 28Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 29Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 30Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 31Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 32Page - Texas Instruments MSP430F147IPM.B Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
+
−
+
−
10 µF
From power supply
+
−
Apply external reference (VeREF+)
or use internal reference (VREF+)
Reference is internally
switched to AVSS
100 nF
10 µF
100 nF
10 µF
100 nF
AV
SS
AV
CC
DV
SS
DV
CC
VREF+ or VeREF+
VREF−/VeREF−
+
−
AV
SS
+
−
+
−
AV
CC
DV
SS
DV
CC
+
−
VREF+ or VeREF+
VREF−/VeREF−
From power supply
Apply external reference (VeREF+)
or use internal reference (VREF+)
Apply external reference
10 µF
100 nF
10 µF
100 nF
10 µF
100 nF
10 µF
100 nF
29
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
www.ti.com
SLAS272H – JULY 2000 – REVISED MAY 2018
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Specifications
Copyright © 2000–2018, Texas Instruments Incorporated
Figure 5-14. Supply Voltage and Reference Voltage Design, VREF−/VeREF− External Supply
Figure 5-15. Supply Voltage and Reference Voltage Design, VREF-/VeREF- = AVSS, Internally Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com