Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0RFQ0 Datasheet(PDF) 6 Page - Numonyx B.V

Part # JS48F4400P0RFQ0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0RFQ0 Datasheet(HTML) 6 Page - Numonyx B.V

Back Button JS48F4400P0RFQ0 Datasheet HTML 2Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 3Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 4Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 5Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 6Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 7Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 8Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 9Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 10Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
6
Order Number: 309823-11
Revision History
Date
Revision Description
14-April-06
001
Initial Release
28-April-06
002
Updated the template (naming and branding).
On the cover page, changed BEFP from 1.6 µs/byte (typ) to 3.2 µs/Word (typ).
20-June-06
003
Correced the BEFP on the cover page to read 3.2 µs/Word and synchronized the BEFP on the
cover with that in Section 7.4, “Program and Erase Characteristics” on page 68.
Added Figure 1, “Mechanical Specifications: x16D (105-ball) package (8x10x1.0 mm)” on page 14 and
Figure 5, “Mechanical Specifications: x16 Split Bus (165-ball) package (10x11x1.2 mm)” on page 18
.
Added the following line item part numbers:
—PF48F6000M0Y0BE
—PF38F6070M0Y0BE
—PF38F6070M0Y0VE
—PF48F6000M0Y1BE
October 2006
004
Removed information on the 90 nm Extended Flash Array (EFA) feature that is no longer
supported.
November 2006
005
Revised to include 65 nm, 1-Gbit device information. Moved sections for Device ID, Additional
Information, and Order Information to Functional Description chapter. Created a separate M18
Developer’s Manual to include the following information:
—Bus Interface
—Flash Operations
—Device Command Codes
—Flow Charts
—Common Flash Interface
—Next State Table
Removed line item PF5566MMY0C0 (512+512 M18 + 128 + 128 PSRAM) and its accompanying
package (8x11x1.4, x16C 107 ball).
Added the following line items:
—PF48F6000M0Y0BE, 65 nm
—PF38F6070M0Y0BE, 65 nm
—PF38F4060M0Y0B0
—PF58F0031M0Y1BE, 65 nm
—PF38F6070M0Y0C0, 65 nm
—PF38F4060M0Y0C0
—PF38F4060M0Y1C0
—PF38F6070M0Y0VE, 65 nm
Added the following packages to support new line items:
—8x10x1.0, x16D 105 ball
—11x15x1.2, x16D 105 ball
—11x11x1.2, x16C 107 ball
—8x10x1.2, x16C 107 ball
—10x11x1.2, x16SB 165 ball
November 2006
006
Updated line item information.
February 2007
007
Added the following line items and package as applicable:
PF48F4000M0Y0CE, 8x10x1.0 x16C
June 2007
008
Merged the Developer Manual and Datasheet content into a single document.
March 2008
009
Updated the Performance specifications for 133MHz Capulet 1G improvements.
March 2007
008
Updated timing diagrams in AC Characteristics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com