Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0RFQ0 Datasheet(PDF) 77 Page - Numonyx B.V

Part # JS48F4400P0RFQ0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0RFQ0 Datasheet(HTML) 77 Page - Numonyx B.V

Back Button JS48F4400P0RFQ0 Datasheet HTML 73Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 74Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 75Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 76Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 77Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 78Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 79Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 80Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 81Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 139 page
background image
April 2008
Datasheet
309823-10
77
Numonyx™ StrataFlash® Cellular Memory (M18)
9.1.1
Clearing the Status Register
The Status Register (SR) contain status and error bits which are set by the device. SR
status bits are cleared by the device; however, SR error bits are cleared by issuing the
Clear Status Register command. Resetting the device also clears the Status Register.
Depending on the current state of the partition, issuing the Clear Status Command will
place the addressed partition in Read Status mode. Please see 'Next State' Table for
further details. Other partitions are not affected.
Note:
Care should be taken to avoid Status Register ambiguity. If a command sequence error
occurs while in an Erase Suspend condition, the Status Register will indicate a
Command Sequence error by setting SR4 and SR5. When the erase operation is
resumed (and finishes), any errors that may have occurred during the erase operation
will be masked by the Command Sequence error. To avoid this situation, clear the
Status Register prior to resuming a suspended erase operation.
The Clear Status Register command functions independent of the voltage level on VPP.
9.2
Read Configuration Register
The Read Configuration Register (RCR) is a 16-bit read/write register used to select
bus-read modes, and to configure synchronous-burst read characteristics of the flash
device. All Read Configuration Register bits are set and cleared using the Program Read
Configuration Register command.
2
Program Suspend Status
0 = Program suspend not in effect.
1 = Program suspend in effect.
1Block-Locked Error
0 = Block NOT locked during program or erase - operation successful.
1 = Block locked during program or erase - operation aborted.
0
Partition Status
SR7
SR0
0
0 = Active program or erase operation in addressed partition.
BEFP: Program or Verify complete, or Ready for data.
0
1 = Active program or erase operation in other partition.
BEFP: Program or Verify in progress.
1
0 = No active program or erase operation in any partition.
BEFP: Operation complete
11 = Reserved.
Table 29: Status Register Bit Definitions (Sheet 2 of 2)
Status Register (SR) Bits
Default Value = 0080h
Reserved
Region
Program
Status
Ready
Status
Erase
Suspend
Status
Erase
Error
Program
Error
Program
/Erase
Voltage
Error
Program
Suspend
Status
Block-
Locked
Error
Partition
Status
15-10
9-8
7
6
5
4
3
2
1
0
Bit
Name
Description
Table 30: Clear Status Register Command Bus Cycles
Command
Setup Write Cycle
Confirm Write Cycle
Address Bus
Data Bus
Address Bus
Data Bus
Clear Status Register
Device Address
0050h
---
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com