Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0RFQ0 Datasheet(PDF) 72 Page - Numonyx B.V

Part # JS48F4400P0RFQ0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0RFQ0 Datasheet(HTML) 72 Page - Numonyx B.V

Back Button JS48F4400P0RFQ0 Datasheet HTML 68Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 69Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 70Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 71Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 72Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 73Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 74Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 75Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 76Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
72
309823-10
8.1.1
Asynchronous single-word reads
In asynchronous single-word read mode, a single word of data corresponding to the
address is driven onto the data bus after the initial access delay. The address is latched
when ADV# is deasserted. For AD-multiplexed devices, ADV# must be deasserted
before OE# is asserted.
If only asynchronous reads are to be performed, CLK must be tied to a valid VIH or VIL
level, and the WAIT signal can be floated. In addition, for non-multiplexed devices,
ADV# must be tied to ground.
8.1.2
Asynchronous Page Mode (Non-multiplexed devices only)
In asynchronous page mode, sixteen data words are “sensed” simultaneously from the
flash memory array and loaded into an internal page buffer. The buffer word
corresponding to the initial address is driven onto the data bus after the initial access
delay. Subsequent words in the page are output after the page access delay. A[3:0]
bits determine which page word is output during a read operation. A[MAX:4] and ADV#
must be stable throughout the page access.
WAIT is deasserted during asynchronous page mode. ADV# can be driven high to latch
the address, or held low throughout the read cycle. CLK is not used for asynchronous
page-mode reads, and is ignored.
8.1.3
Synchronous Burst Mode
Synchronous burst mode is a clock-synchronous read operation that improves the read
performance of flash memory over that of asynchronous reads.
Synchronous burst mode is enabled by programming the Read Configuration Register
(RCR) of the flash memory device. The RCR is also used to configure the burst
parameters of the flash device, including Latency Count, burst length of 8, 16 and
continuous, and WAIT polarity.
Three additional signals are used for burst mode: CLK, ADV#, and WAIT.
The address for synchronous read operations is latched on the ADV# rising edge or the
first rising CLK edge after ADV# low, whichever occurs first for devices that support up
to 108 MHz. For devices that support up to 133 MHz, the address is latched on the last
CLK edge when ADV# is low.
During synchronous read modes, the first word is output from the data buffer on the
rising CLK edge after the initial access latency delay. Subsequent data is output on
rising CLK edges following a tCHQV delay. However, for a synchronous non-array read,
the same word of data will be output on successive rising clock edges until the burst
length requirements are satisfied.
8.1.3.1
WAIT Operation
Upon power up or exit from reset, WAIT polarity defaults to low-true operation (RCR10
= 0). During synchronous reads (RCR15 = 0), WAIT asserts when read data is invalid,
and deasserts when read data is valid. During asynchronous reads (RCR15 = 1), WAIT
is deasserted. During writes, WAIT is High-Z on non-mux devices, and deasserted on
AD-mux devices. Table 28 summarizes WAIT behavior.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com