Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0RFQ0 Datasheet(PDF) 26 Page - Numonyx B.V

Part # JS48F4400P0RFQ0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0RFQ0 Datasheet(HTML) 26 Page - Numonyx B.V

Back Button JS48F4400P0RFQ0 Datasheet HTML 22Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 23Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 24Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 25Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 26Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 27Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 28Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 29Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 30Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
26
309823-10
4.2
Signal Descriptions, x16D
Table 7:
Signal Descriptions, x16D Non-Mux/AD-Mux; x16D AA/D-Mux (Sheet 1 of 4)
Symbol
Type
Signal Descriptions
Notes
Address and Data Signals, Non-Mux
A[MAX: 0]
Input
ADDRESS: Global device signals.
Shared address inputs for all memory die during Read and Write operations.
• 4-Gbit: AMAX = A27
• 2-Gbit: AMAX = A26
• 1-Gbit: AMAX = A25
• 512-Mbit: AMAX = A24
• 256-Mbit: AMAX = A23
• 128-Mbit: AMAX = A22
• A[12:0] are the row and A[9:0] are the column addresses for 512-Mbit LPSDRAM.
• A[12:0] are the row and A[8:0] are the column addresses for 256-Mbit LPSDRAM.
• A[11:0] are the row and A[8:0] are the column addresses for 128-Mbit LPSDRAM.
Unused address inputs should be treated as RFU.
1
DQ[15:0]
Input/
Output
DATA INPUT/OUTPUTS: Global device signals.
DQ[15:0] are used to input commands and write-data during Write cycles, and to output read-
data during Read cycles. During NAND accesses, DQ[7:0] are used to input commands, address-
data, and write-data, and to output read-data.
Data signals are High-Z when the device is deselected or its output is disabled.
F-ADV#
Input
FLASH ADDRESS VALID: Flash-specific signal; low-true input.
During synchronous flash Read operations, the address is latched on the rising edge of F-ADV#,
or on the first rising edge of F-CLK after F-ADV# goes low for devices that support up to 108
MHz, or on the last rising edge of F-CLK after F-ADV# goes low for devices that support up to
133 MHz.
In an asynchronous flash Read operation, the address is latched on the rising edge of F-ADV# or
continuously flows through while F-ADV# is low.
Address and Data Signals, AD-Mux
A[MAX:16]
Input
ADDRESS: Global device signals.
Shared address inputs for all Flash and SRAM memory die during Read and Write operations.
• 4-Gbit: AMAX = A27
• 2-Gbit: AMAX = A26
• 1-Gbit: AMAX = A25
• 512-Mbit: AMAX = A24
• 256-Mbit: AMAX = A23
• 128-Mbit: AMAX = A22
Unused address inputs should be treated as RFU.
1
AD[15:0]
Input /
Output
ADDRESS-DATA MULTIPLEXED INPUTS/ OUTPUTS: AD-Mux flash and SRAM lower address
and data signals; LPSDRAM data signals.
During AD-Mux flash and SRAM Write cycles, AD[15:0] are used to input the lower address
followed by commands or write-data.
During AD-Mux flash Read cycles, AD[15:0] are used to input the lower address followed by
read-data output.
During LPSDRAM accesses, AD[15:0] are used to input commands and write-data during Write
cycles or to output read-data during Read cycles.
During NAND accesses, AD[7:0] are used to input commands, address, or write-data, and to
output read-data.
AD[15:0] are High-Z when the flash or SRAM is deselected or its output is disabled.
A[15:0]
Input
RFU, except for DRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com