Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS48F4400P0RFQ0 Datasheet(PDF) 79 Page - Numonyx B.V

Part # JS48F4400P0RFQ0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0RFQ0 Datasheet(HTML) 79 Page - Numonyx B.V

Back Button JS48F4400P0RFQ0 Datasheet HTML 75Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 76Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 77Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 78Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 79Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 80Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 81Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 82Page - Numonyx B.V JS48F4400P0RFQ0 Datasheet HTML 83Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 139 page
background image
April 2008
Datasheet
309823-10
79
Numonyx™ StrataFlash® Cellular Memory (M18)
Notes:
1.
Address latched on valid clock edge with ADV# low and LC count begins.
2.
Address latched on ADV# rising edge. LC count begins on subsequent valid CLK edge.
9.3
Enhanced Configuration Register
The Enhanced Configuration Register (ECR) is a volatile 16-bit, read/write register used
to select Deep Power Down (DPD) operation and to modify the output-driver strength
of the flash device. All Enhanced Configuration Register bits are set and cleared using
the Program Enhanced Configuration Register command. Upon power-up or exit from
reset, the Enhanced Configuration Register defaults to 0004h.
To read the value of the ECR, issue the Read Device Information command to the
desired partition. Subsequent reads from the <partition base address> + 06h returns
ECR[15:0].
Figure 46: Latency Count Period
ADV#-Latch (2)
CLK Latch (1)
tCHQV
Latency Count
Latency Count
CLK
ADV# (1)
ADV# (2)
A[Max:0]
CE#
OE#
DQ[15:0]
Table 32: CLK Frequencies for LC Settings
VCCQ = 1.7 V to 2.0 V
Latency Count Setting
Frequency Supported (MHz)
3
≤ 32.6 MHz
4
≤ 43.5 MHz
5
≤ 54.3 MHz
6
≤ 65.2 MHz
7
≤ 76.1 MHz
8
≤ 87 MHz
9
≤ 97.8 MHz
10
≤ 108.7 MHz
11
≤ 119.6 MHz
12
≤ 130.4 MHz
13
≤ 133.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com