Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3715-BWLW-ES Datasheet(PDF) 37 Page - ams-OSRAM AG

Part # AS3715-BWLW-ES
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715-BWLW-ES Datasheet(HTML) 37 Page - ams-OSRAM AG

Back Button AS3715-BWLW-ES Datasheet HTML 33Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 34Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 35Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 36Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 37Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 38Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 39Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 40Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 41Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 159 page
background image
Page 36
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Detailed Description – Power Management Functions
Parameter
Figure 37:
DC/DC SU Parameter
DC/DC SU Parameter: Shows the key electrical parameter of the DCDC boost converter.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IVDD
Quiescent Current
Pulse skipping mode
140
μA
VFB
Feedback voltage for
external resistor divider
For constant voltage control
1.20
1.25
1.30
V
VCURR
Feedback voltage for
current sink regulation
CURR1, CURR2, CURR3
0.6
V
IDCDC_FB
Additional tuning current
at FB_SU
Adjustable by software in 1μA
steps
031
μA
Accuracy of feedback
current
@ full scale
-7
7
%
Vrsense_
max
Current limit voltage at
Rsense
E.g.: 0.65A for 0.15Ω sense
resistor
100
mV
RSW
Switch resistance
ON-resistance of external
switching transistor
Iload
Load current
At 25V output voltage
0
50
mA
fIN
Switching frequency
Internal CLK frequency/4,
default 1MHz
fclk_int/4
MHz
tMIN_ON
Minimum ON time
130
ns
MDC
Maximum duty cycle
@ 1MHz
91
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com