Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3715-BWLW-ES Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # AS3715-BWLW-ES
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715-BWLW-ES Datasheet(HTML) 2 Page - ams-OSRAM AG

  AS3715-BWLW-ES Datasheet HTML 1Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 2Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 3Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 4Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 5Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 6Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 7Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 8Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 159 page
background image
ams Datasheet
Page 1
[v1-03] 2015-Aug-10
Document Feedback
AS3715
Dual or Single Power Path PMIC
The AS3715 is a compact System PMU supporting two Li-Ion
batteries and up to 14 power rails.
The device offers advanced power management functions. All
necessary ICs and peripherals in a battery powered mobile
device are supplied by the AS3715. It features 3 DCDC buck
converters, one DCDC buck controller, a 5V HDMI booster, a HV
backlight boost controller with 3 current sinks as well as 8 LDOs
(2 low noise). The different regulated supply voltages are
programmable via the serial control interface. 3-4MHz DCDC
operation with 0.47uH coils is reducing cost and PCB space.
AS3715 contains a linear or switch mode Li-Ion battery charger
with constant current and constant voltage operation. The
maximum charging current is 1.5A. An internal battery switch
and an optional external switch are separating the battery
during charging or whenever an external power supply is
present. In addition a second external battery path can be
controlled. With these switches it is also possible to operate
with no or deeply discharged batteries.
A dual USB input current limiter can be used to control the
current taken form the USB supplies or charger inputs.
Additional features are a 30V OV protection and JEITA compliant
battery temperature supervision with selectable NTC beta
values.
The single supply voltage may vary from 2.7V to 5.5V.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits and Features
The key benefits and features of AS3715, Dual or Single Power
Path PMIC are listed below.
Figure 1:
Added Value of Using AS3715
Benefits
Features
• Compact design due to small coils for IO and
memory voltage generation
• DCDC step down regulators (3-4MHz)
• Output (0.6V-3.3V; 2x1A, 1x2A)
• High current generation with external power
stage to minimize PMIC power dissipation
• DCDC step down controller
• DVM (0.6V-1.5V; 1x6A)
• Multiple independent voltage rails for general
purpose IO supplies
• 8 universal LDOs
• 6x universal IO range(0.8-3.3V; 0.3A)
• 2x analog (1.2-3.3V; 0.25A)
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com