Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3715-BWLW-ES Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # AS3715-BWLW-ES
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715-BWLW-ES Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button AS3715-BWLW-ES Datasheet HTML 3Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 4Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 5Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 6Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 7Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 8Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 9Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 10Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 159 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Pin Assignments
H1
LDO1
AO
Output voltage of ana LDO - PMOS_1
3.3V
Open
G1
LDO2
AO
Output voltage of ana LDO - PMOS_1
3.3V
Open
F2
LDO3
AO
Output voltage of LDO - PMOS_1
3.3V
Open
A5
LDO4
AO
Output voltage of LDO - PMOS_1
3.3V
Open
A4
LDO5
AO
Output voltage of LDO - PMOS_1
3.3V
Open
A3
LDO6
AO
Output voltage of LDO - PMOS_1
3.3V
Open
J4
LDO7
AO
Output voltage of LDO - PMOS_1
3.3V
Open
J5
LDO8
AO
Output voltage of LDO - PMOS_1
3.3V
Open
H9
VSUP_SD1
S
System supply voltage input of SD1
(connect to other VSUP pins)
5.5V
Mandatory
H8
VSUP_SD1
S
System supply voltage input of SD1
(connect to other VSUP pins)
5.5V
Mandatory
J7
LX_SD1
AIO
LX node of Stepdown1
VSUP
Open
H7
LX_SD1
AIO
LX node of Stepdown1
VSUP
Open
G7
FB_SD1
AI
Analog Feedback pin of SD1
3.6V
Open
J9
VSS_SD1
AIO
Power GND pin of Stepdown1
-
Mandatory
J8
VSS_SD1
AIO
Power GND pin of Stepdown1
-
Mandatory
G8
VSUP_SD2
S
System supply voltage input of SD2
(connect to other VSUP pins)
5.5V
Mandatory
G9
LX_SD2
AIO
LX node of Stepdown2
VSUP
Open
E8
FB_SD2
AI
Analog Feedback pin of SD2
3.6V
Open
F9
VSS_SD2
AIO
Power GND pin of Stepdown2
-
Mandatory
C9
VSUP_SD3
S
System supply voltage input of SD3
(connect to other VSUP pins)
5.5V
Mandatory
D9
LX_SD3
AIO
LX node of Stepdown3
VSUP
Open
D8
FB_SD3
AI
Analog Feedback pin of SD3
3.6V
Open
E9
VSS_SD3
AIO
Power GND pin of Stepdown3
-
Mandatory
C4
FB_SD4_P
AIO
Positive Feedback of SD4
3.6V
Open
B1
FB_SD4_N
AIO
Negative Feedback of SD4
3.6V
Open
Pin #
Pin Name
I/O
Description
Max.
Voltage
If not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com