Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3715-BWLW-ES Datasheet(PDF) 97 Page - ams-OSRAM AG

Part # AS3715-BWLW-ES
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715-BWLW-ES Datasheet(HTML) 97 Page - ams-OSRAM AG

Back Button AS3715-BWLW-ES Datasheet HTML 93Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 94Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 95Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 96Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 97Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 98Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 99Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 100Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 101Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 159 page
background image
Page 96
ams Datasheet
Document Feedback
[v1-03] 2015-Aug-10
AS3715 − Register Description
Figure 102:
GPIOsignal_out
Addr:20h
GPIOsignal_out
Bit
Bit Name
Default
Access
Bit Description
7
gpio8_out
0
RW
This bit determines the output signal of the GPIO8 pin when
selected as output source
6
gpio7_out
0
RW
This bit determines the output signal of the GPIO7 pin when
selected as output source
5
gpio6_out
0
RW
This bit determines the output signal of the GPIO6 pin when
selected as output source
4
gpio5_out
0
RW
This bit determines the output signal of the GPIO5 pin when
selected as output source
3
gpio4_out
0
RW
This bit determines the output signal of the GPIO4 pin when
selected as output source
2
gpio3_out
0
RW
This bit determines the output signal of the GPIO3 pin when
selected as output source
1
gpio2_out
0
RW
This bit determines the output signal of the GPIO2 pin when
selected as output source
0
gpio1_out
0
RW
This bit determines the output signal of the GPIO1 pin when
selected as output source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com