Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3715-BWLW-ES Datasheet(PDF) 82 Page - ams-OSRAM AG

Part # AS3715-BWLW-ES
Description  Dual or Single Power Path PMIC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3715-BWLW-ES Datasheet(HTML) 82 Page - ams-OSRAM AG

Back Button AS3715-BWLW-ES Datasheet HTML 78Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 79Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 80Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 81Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 82Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 83Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 84Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 85Page - ams-OSRAM AG AS3715-BWLW-ES Datasheet HTML 86Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 159 page
background image
ams Datasheet
Page 81
[v1-03] 2015-Aug-10
Document Feedback
AS3715 − Register Description
48h
WatchdogSoftwareS
ignal
pwm_div<7:6>
-
wtdg_sw_
sig
51h
Stepup_control2
stepup2_v<7:3>
stepup2_res
stepup2_freq
stepup2_on
53h
Stepup_control4
-
stepup2_pwm_l
owf
stepup2_prot_
dis
stepup2_fb<1:0>
54h
Stepup_control5
-
stepup2_pwm_
mode
stepup2_clkinv
55h
CPcontrol
-
cp_freq
cp_on
56h
ADC_BATTEMP
adc_battemp<7:0>
60h
GPIO5control
gpio5_invert
gpio5_iosf<6:3>
gpio5_mode<2:0>
61h
GPIO6control
gpio6_invert
gpio6_iosf<6:3>
gpio6_mode<2:0>
63h
GPIO8_7control
gpio8_mode<7:5>
gpio8_invert
gpio7_mode<3:1>
gpio7_invert
67h
ENsignal_in
-
en4_in
en3_in
en2_in
en1_in
69h
SRAM
SRAM<7:0>
70h
ADC_control
start_conversion
adc_presample
adc_slow
gpio_lv
adc_select<3:0>
71h
ADC_MSB_result
result_not_ready
D9_3<6:0>
72h
ADC_LSB_result
-
D2_0<2:0>
73h
RegStatus
curr3_lv
curr2_lv
curr1_lv
-
sd4_lv
sd3_lv
sd2_lv
sd1_lv
74h
InterruptMask1
LowBat_int_m
ovtmp_int_m
onkey_int_m
chdet_int_m
eoc_int_m
resume_int_m
nobat_int_m
trickle_int_
m
75h
InterruptMask2
ebat_int_m
temp_sd4_shutdown_
int_m
temp_sd4_alarm_
int_m
bat_temp_m
sd4_lv_int_m
sd3_lv_int_m
sd2_lv_int_m
sd1_lv_int_
m
76h
InterruptMask3
chdet2_int_m
en4_int_m
en3_int_m
en2_int_m
en1_int_m
gpio_restart_
int_m
gpio_int_m
-
Addr
Name
<D7>
<D6>
<D5>
<D4>
<D3>
<D2>
<D1>
<D0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com