| Electronic Components Datasheet Search |
|
CS-LD01 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
CS-LD01 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc. |
|
2 / 5 page ![]() Case Study CS-LD01 Rev. A Page 2 © 2018 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com • Dark noise is defined as the signal that is produced when the detector is blocked (or the laser is below threshold, and no light is output). It includes noise that is inherent to the detector itself, along with fundamental electronic noise. • Light noise is defined as the variation of the signal that is measured when the laser is in the low absorption region of the profile. It includes the dark noise mentioned above, along with noise due to the laser and driver. • Proportional noise is defined as the measured signal variation when the laser is tuned to a high absorption region of the profile. Laser driver noise and noise due to environmental conditions are examples of proportional noise. The researchers utilized TDL Wintel software to interface with the instruments. TDL Wintel can modulate the laser current for both lasers and control the gas cell valves along with logging, averaging, and analyzing data. This software allows for operation of the instrument without direct supervision. During development, a prototype unit ran nearly continuously for 10 months while the researchers continued fine-tuning the instrument and the measurement process [7]. Along with proper wavelength choice, the optical design of the instruments has been optimized to maximize the signal to noise ratio. The long path length enabled by the multi-pass cell increases the effective absorption of isotopologues that are weakly absorbing. By operating at reduced pressure in the multi-pass cell, effects such as line- broadening due to pressure are avoided. Additionally, the lasers (and sometimes the detectors) need to be cooled to maintain optimal performance. The CW lasers can be cooled by thermoelectrics. Some detectors required liquid nitrogen cooling, while for others, thermoelectrics were sufficient. Via modulation of the laser current, the wavelength was tuned continuously across the set of lines, fully extending on both sides away from the absorption profile. Extending the tuning range outside of the absorption profile allows for an accurate measurement of “light noise.” Throughout the course of the measurement, the laser current would also be tuned below threshold in order to measure “dark noise.” While acquiring data in the range where the absorption profile is strongest, the researchers measured “proportional noise.” Careful collection and analysis of these types of noise allowed the researchers to iteratively improve on the instrument’s design. Ref. [4] goes into particularly deep detail of the noise analysis performed. Figure 1. Normalized water and carbon dioxide (major isotopologue) absorption as a function of wavenumber. Note that in a non-normalized form, the carbon dioxide lines would be approximately an order of magnitude stronger than the water lines. Data from HITRAN. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |