| Electronic Components Datasheet Search |
|
CS-LD01 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
CS-LD01 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc. |
|
4 / 5 page ![]() Case Study CS-LD01 Rev. A Page 4 © 2018 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com In [1], it was discovered that there were three sources of excess noise that could be reconciled. First, the switching frequency of the laser driver's power supply was impacting the measurement noise. Second, an extraneous electrical signal was being input to the driver, and was thus transformed into noise. Third, interference fringes developed in the beam path that led to optical noise. In [4], the researchers discovered a new type of noise that they had not seen before in previous iterations of their instruments. The noise found in this case was mixed (coupled) electrical and optical noise. The optical noise was again found to be due to interference fringes developing, while the source of electrical noise was narrowed down to a faulty electronics card in the instrument. In order to do this type of extensive noise testing, the overall system noise must be low. By replacing standard laser diode drivers with Wavelength Electronics' patented low-noise QCL driver, one source of noise in the complex instrument was minimized, allowing further investigation on other components that may contribute to the overall noise in the system. ENHANCING PRECISION Given that noise from the current driver impacts two out of the three categories of noise defined (light and proportional noise), it is inherently important to minimize the noise from the driver. Recently [1,4], the researchers have implemented quantum cascade laser drivers from Wavelength Electronics to reduce the noise contribution from the QCL driver. This choice has resulted in “significant improvement in the performance” of their QCL-based instruments. Figure 2 shows selected noise specifications reported by the researchers, which clearly shows the trend towards higher precision for nitric oxide (NO), formic acid (HCOOH), carbonyl sulfide (OCS), nitrous acid (HONO), nitrous oxide (N 2O), and methane (CH4). By implementing quantum cascade laser drivers from Wavelength Electronics, the researchers were able to lower the total noise in their measurements. By minimizing the driver’s contribution to the total noise, they were able to troubleshoot other sources of electronic noise in their instruments. With the implementation of the low-noise QCL driver, noise analysis (including Fourier transforms and Lomb power spectra, among other tools) yielded information that led to further improvement of their instruments. Figure 2. Noise specifications reported by the researchers in [3-6]. The downward trend towards more precision is due to improvements in the optics and the drive electronics for the QCL-based instruments. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |