Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD01 Datasheet(PDF) 5 Page - Wavelength Electronics, Inc.

Part # CS-LD01
Description  Lower Electronic Noise Enhances Atmospheric Gas Sensing
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD01 Datasheet(HTML) 5 Page - Wavelength Electronics, Inc.

  CS-LD01 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD01 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD01 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD01 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD01 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Case Study CS-LD01 Rev. A
Page 5
© 2018 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
KEYWORDS
quantum cascade laser, QCL, low noise, current driver,
absorption, direct absorption spectroscopy, parts-per-
billion, parts-per-trillion, multi-pass cell, atmospheric trace
gas, isotopologue, isotope
REVISION HISTORY
Document Number: CS-LD01
REVISION
DATE
NOTES
A
June 2018
Initial Release
REFERENCE
1. J. B. McManus, D. D. Nelson, and M. S. Zahniser,
"Design and performance of a dual-laser instrument for
multiple isotopologues of carbon dioxide and water,"
Opt. Express
23(5), 6569-6586 (2015).
2. The HITRAN Database, hitran.org
3. J. B. McManus, M. S. Zahniser, D. D. Nelson, J. H.
Shorter, S. Herndon, and E. Wood, "Application of
quantum cascade lasers to high-precision atmospheric
trace gas measurements," Opt. Eng.
49(11), 111124
(2010).
4. J. B. McManus, M. S. Zahniser, D. D. Nelson, J. H.
Shorter, S. C. Herndon, D. Jervis, M. Agnese, R.
McGovern, T. I. Yacovitch, and J. R. Roscioli, "Recent
progress in laser-based trace gas instruments:
performance and noise analysis," Appl. Phys. B
119(1),
203-218 (2015).
5. J. B. McManus, D. D. Nelson, S. C. Herndon, J. H.
Shorter, M. S. Zahniser, S. Blaser, L. Hvozdara, A.
Muller, M. Giovannini, and J. Faist, "Comparison of
cw and pulsed operation with a TE-cooled quantum
cascade infrared laser for detection of nitric oxide at
1900 cm-1," Appl. Phys. B
85(2-3), 235-241 (2006).
6. J. B. McManus, M. S. Zahniser, and D. D. Nelson,
"Dual quantum cascade laser trace gas instrument with
astigmatic Herriot cell at high pass number," Appl. Opt.
50(4), A74-A85 (2011).
7. J. B. McManus, D. D. Nelson, and M. S. Zahniser,
"Long-term continuous sampling of 12CO
2,
13
CO
2, and
12
C18O16O in ambient air with a quantum cascade laser
spectrometer," Isotopes Environ. Health Stud.
46(1),
49-63 (2010).
8. D. D. Nelson, J. B. McManus, S. C. Herndon, M.
S. Zahniser, B. Tuzson, and L. Emmenegger, "New
method for isotopic ratio measurements of atmospheric
carbon dioxide using a 4.3 μm pulsed quantum cascade
laser," Appl. Phys. B
90(2), 301-309 (2008).
SUMMARY
The precision gained from the low-noise Wavelength
QCL driver, along with the troubleshooting efforts of
the researchers has allowed Aerodyne Research, Inc.
to produce trace gas instruments that can detect in the
low parts-per-trillion level. This precision allows their
instruments to be utilized in various research capacities,
and enables scientists to further the understanding of
atmospheric gas levels, and causes of their fluctuations.
USEFUL LINKS
•
QCL2000 OEM
•
QCL2000 LAB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com