Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD01 Datasheet(PDF) 1 Page - Wavelength Electronics, Inc.

Part # CS-LD01
Description  Lower Electronic Noise Enhances Atmospheric Gas Sensing
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD01 Datasheet(HTML) 1 Page - Wavelength Electronics, Inc.

  CS-LD01 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD01 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD01 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD01 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD01 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2018 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Case Study CS-LD01 Rev. A
Lower Electronic Noise Enhances
Atmospheric Gas Sensing
June, 2018
Page 1
ABSTRACT
Researchers at the Center for Atmospheric and Environmental Chemistry at Aerodyne Research, Inc.
have developed a multitude of direct absorption atmospheric trace gas measurement instruments. Relying
on high-quality optics, lasers, and electronics, measurements from this research group in Billerica,
Massachusetts are reaching parts-per-trillion (10-12) precision, thanks in part to the integrated low-noise
current drivers. This precision allows the developed instruments to be viable resources for making real-
time measurements of trace atmospheric gases. The use of non-cryogenic semiconductor lasers allows
the data to be collected outside of the laboratory in ambient environments.
INTRODUCTION
In order to better understand global warming, among other
atmospheric topics, quantification of the amounts of gases
(both major and minor) in the atmosphere is a relevant
topic of study. One of the methods available is direct laser
absorption spectroscopy. In particular, the advance of
semiconductor lasers has enabled researchers to perform
these experiments outside of the laboratory, without the
requirement of cryogenic cooling, and with the benefit
of operation in the region of the spectrum where many
atmospheric gases have their strongest absorption profiles.
Utilizing their dual-laser instruments, the Center for
Atmospheric and Environmental Chemistry at Aerodyne
Research,
Inc.
makes
high-speed,
high-precision
measurements of trace atmospheric gases. These
instruments are designed to measure isotopologues. An
isotopologue is a molecule that has zero, one, or more
substitutions of a minor isotope of an atom for a major
isotope of an atom [1]. Isotopes of atoms are differentiated
by the number of neutrons present in the nucleus, and
thus, are distinguished by the total number of nucleons.
The notation used to represent isotopes is to put the total
number of nucleons as a superscript to the left of the
chemical abbreviation for the molecule.
The instruments take advantage of reference gas
measurements, real-time temperature and pressure
measurements, and comparison with HITRAN [2] data.
The instruments under consideration in this paper feature
a multi-pass cell, which allows for long (up to 210 m)
path lengths in a relatively small container (the largest is
56 cm × 77 cm × 64 cm). The precision available for some
trace gas measurements is low parts-per-trillion.
This level of precision has been aided by multiple
improvements in the instrument design. The optics
themselves have been improved [3], the transition from
pulsed quantum cascade lasers (QCLs) to continuous wave
(CW) QCLs was made [3], and significant improvement in
the current driver for the QCL was integrated [1,4]. These
improvements have allowed measurements of the trace
atmospheric gases to improve from the parts-per-billion
range [5] to the parts-per-trillion range [4].
APPROACH
Following the work detailed in [1,3-8], the researchers use
semiconductor lasers (either diode, interband cascade,
or quantum cascade, depending on the gas under
study) for direct absorption spectroscopy. By carefully
choosing a wavelength range, multiple atmospheric
gases can be measured. For example, two QCLs
emitting at approximately 1765 cm-1 and 2052 cm-1 allow
measurements of formaldehyde, carbonyl sulfide, formic
acid, and carbon dioxide simultaneously [6]. The same
instrument with a different choice of lasers is also described
in [6], with QCL outputs of 1277 cm-1 and 1283 cm-1. Nitrous
acid, hydrogen peroxide, nitrous oxide, and methane can
be simultaneously measured with this choice of output
wavelength.
Figure 1 shows an example of absorption lines
for water and carbon dioxide. The instrument described
in [1] allowed simultaneous measurement of seven total
isotopologues of H
2O and CO2.


Similar Part No. - CS-LD01

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
CS-LD02 WAVELENGTH-CS-LD02 Datasheet
2Mb / 5P
Artery Targeted Photothrombosis to Better Model Human Stroke and Forelimb Impairment
October, 2019
CS-LD03 WAVELENGTH-CS-LD03 Datasheet
1Mb / 5P
Optical Interruption of Quantum Cascade Laser for Cavity Ring- Down Spectroscopy
January, 2021
CS-LD04 WAVELENGTH-CS-LD04 Datasheet
4Mb / 5P
Biological Detection Using Virus Lasers
June, 2021
CS-LD05 WAVELENGTH-CS-LD05 Datasheet
1Mb / 5P
CO Detection in SF6 Using Quartz-enhanced Photoacoustic Spectroscopy
March, 2022
CS-LD06 WAVELENGTH-CS-LD06 Datasheet
4Mb / 6P
Using QCLs for Studying Exceptional Point Singularities
November, 2022
More results

Similar Description - CS-LD01

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
2312T SYSTEMSENSOR-2312T Datasheet
761Kb / 2P
Photoelectronic Smoke detector with Electronic Heat Sensing
logo
Maxim Integrated Produc...
MAX17558 MAXIM-MAX17558 Datasheet
1Mb / 28P
Enhances Power Efficiency
Rev 1; 3/16
logo
Amphenol Corporation
T6713 AMPHENOL-T6713 Datasheet
119Kb / 4P
An affordable gas sensing solution for OEMs
T6615 AMPHENOL-T6615 Datasheet
80Kb / 4P
An affordable gas sensing solution for OEMs
T6613 AMPHENOL-T6613 Datasheet
85Kb / 4P
An affordable gas sensing solution for OEMs
6703 AMPHENOL-6703 Datasheet
122Kb / 4P
An affordable gas sensing solution for OEMs
logo
MKS Instruments.
CIRRUS3 MKS-CIRRUS3 Datasheet
235Kb / 4P
POWERFUL AND VERSATILE ATMOSPHERIC GAS ANALYSIS
CIRRUS3-XD MKS-CIRRUS3-XD Datasheet
281Kb / 4P
THE ULTIMATE PERFORMANCE FOR ATMOSPHERIC PRESSURE GAS MONITORING
logo
Renesas Technology Corp
SMOD701 RENESAS-SMOD701 Datasheet
506Kb / 11P
Hydrogen Gas Smart Sensing Module
Rev.1.1 Apr 13, 2021
SMOD711 RENESAS-SMOD711 Datasheet
727Kb / 10P
Flammable Gas Smart Sensing Module
August 9, 2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com