Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD01 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-LD01
Description  Lower Electronic Noise Enhances Atmospheric Gas Sensing
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD01 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-LD01 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD01 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD01 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD01 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD01 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Case Study CS-LD01 Rev. A
Page 3
© 2018 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
UNDERSTANDING THE DATA
The noise data is presented in different ways, depending on
what information is relevant to the application. For all of the
types of noise presented below, lower values are indicative
of higher precision measurements.
For applications where the value of concentration is
needed, without reference to other variables, noise of the
measurement is given in parts-per notation (e.g. parts-per-
million would be represented by “ppm”, parts-per-billion
would be represented by “ppb”, etc.). Equivalently, the data
can be represented in scientific notation. For example,
2×10-6 is equivalent to 2 ppm.
Another way that noise is specified includes some
information about the abundance of the gas under study.
When the noise is specified by the name absorption and
is unitless, that indicates the value given has taken the
“parts-per” noise described above, and weighted it based
on the ambient concentration and the absorption depth. The
ambient concentration is generally given in ppb, and the
absorption depth is unitless. The absorption depth indicates
the probability of the molecule absorbing a photon. A
higher absorption depth value suggests higher absorption
probability (more likely to absorb light). The absorption
measurement noise is the standard by which Aerodyne
assesses good performance. Instruments are considered
to have good performance if the measurement has an
absorption noise of ~5×10-6 in one second. [1]
Adding one final piece of information to the specification,
the absorption noise can then be normalized to the
experimental path length. Absorbance is specified in this
way, and has units of inverse length (generally cm-1).
A different, but related noise specification is given when
the experiment is measuring isotopologues ratiometrically.
In this case, the resulting noise is usually given in a
per mil notation, which is represented by ‰. This type
of specification tells the reader what amount of minor
isotopologue can be accurately measured out of the
ambient gas, taking into account the concentration of the
major isotopologue in ambient air. An example from [1]: the
researchers were able to measure the ratio of 13CO
2 (minor)
to 12CO
2 (major) to the specified precision of 0.1‰. In other
words, they measured changes of 0.0001 in the minor
isotope of carbon dioxide. Taking into account that 13CO
2
comprises only approximately 1.1% of ambient carbon
dioxide (see
Table 1), this measurement is precise enough
to allow isotopic studies of sources and sinks of carbon
dioxide [8].
MOLECULE
ABUNDANCE
Water
Isotopologues
H
2
16
O
0.997317
H
2
18
O
0.002000
HD16O
3.106930 × 10-4
Carbon Dioxide
Isotopologues
12
C16O
2
0.984204
13
C16O
2
0.011057
16
O12C18O
0.003947
16
O12C17O
7.339890 × 10-4
Table 1. HITRAN data for isotopologues of water and
carbon dioxide that were measured in [1].



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com