Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD05 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-LD05
Description  CO Detection in SF6 Using Quartz-enhanced Photoacoustic Spectroscopy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD05 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-LD05 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD05 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD05 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD05 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD05 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Case Study CS-LD05 Rev. A
Page 2
© 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Optical methods are ideal techniques for avoiding
electromagnetic noise in high-voltage systems and can be
useful for measuring CO contents in SF
6 gas matrices.
1
The
two main techniques for optical CO detection are tunable
diode laser spectroscopy (TDLAS) and photoacoustic
spectroscopy (PAS). While both methods can achieve the
minimal detection limits required for GISs monitoring, PAS
does not require a multipass gas cell and is used in this
research experiment.
A new method makes a slight change to PAS to provide
better accuracy. A quartz tuning fork (QTF) can replace
the microphone in PAS to act as a sharp photoacoustic
transducer. The piezoelectric properties of the QTF allow
the prong motion, generated by pressure waves from the
absorbing molecules, to be transduced into an electrical
signal. This electrical signal can be amplified using a
transimpedance or voltage amplifier to produce the signal
spectrum.1 This method is known as quartz-enhanced
photoacoustic spectroscopy (QEPAS). In QEPAS, the QTF
is acoustically coupled with a pair of resonator tubes to
amplify the acoustic pressure waves from the excited gas.
The system- the QTF, and the resonator tubes, is called the
QEPAS spectrophone, and it can provide high resonance
quality-factor, compact size, and strong insensitivity to
ambient acoustic noise.1 QEPAS allows for wavelength-
independent operation, useful with lasers from UV to THz
range with custom QTFs, and it can be utilized for multi-gas
detection.1
METHOD
Researchers from China and Italy have developed a
custom QEPAS spectrophone for CO monitoring in SF
6
decomposition for use in SF
6 high-voltage applications. A
custom QTF was designed for a better sensor detection
limit by taking into account the effect of the SF
6 matrix.
Figure 2 shows the CO absorption cross section and SF
6
absorption cross section simulation. It is important to select
a wavelength that has a high CO absorption property as
well as a narrow spectral overlap with the tail of the SF
6
absorption feature in the lower graph. The fundamental
roto-vibrational absorption band of CO is located in the mid-
infrared (MIR) range from 4.5 µm to 4.9 µm. In this MIR
range, SF
6 exhibits a weak and wide absorption feature with
a longer tail toward the 4.7 µm range. The most intense CO
absorption line, 4.60 µm, was selected, and this line exhibits
a cross section of 2.0 × 10-18 cm2/mol. At this wavelength,
SF
6 exhibits an absorption cross section of < 10
-22
cm2/mol.1
It is crucial that this spectral overlap between the CO
and SF
6 absorption does not affect the detection of the
CO gas. How CO, SF
6, and other decomposition gases
from SF
6
behave, regarding roto-vibrational energy
levels, will determine the shape, features, materials, and
characteristics of the tuning forks as well as resonator tubes.
Because different molecules and gases are characterized
by different vibrational energy levels, the relaxation time
of CO in the SF
6 matrix needs to be known. SF6 does not
act as a relaxation promoter when existing with CO, but it
does provide both vibration-to-translational and vibration-
to-vibrational collisions. This leaves an effective relaxation
time of CO in the SF
6 matrix equal to τ = 33 ms·Torr.
1
Standard QTFs have resonance frequencies of 32 kHz, but
this exceeds the CO-SF
6 collision rate and cannot be used.
Figure 2. CO absorption cross section (black line) and SF
6 absorption cross section (red line) simulated using PNNL
database. The red rectangle points at the CO feature targeted for the detection.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com