Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD05 Datasheet(PDF) 1 Page - Wavelength Electronics, Inc.

Part # CS-LD05
Description  CO Detection in SF6 Using Quartz-enhanced Photoacoustic Spectroscopy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD05 Datasheet(HTML) 1 Page - Wavelength Electronics, Inc.

  CS-LD05 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD05 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD05 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD05 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD05 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Case Study CS-LD05 Rev. A
CO Detection in SF
6 Using
Quartz-enhanced Photoacoustic
Spectroscopy
March, 2022
Page 1
ABSTRACT
Researchers from China and Italy have developed a highly sensitive and selective optical sensor using
quartz-enhanced photoacoustic spectroscopy (QEPAS) for carbon monoxide (CO) detection in sulfur
hexafluoride (SF
6) decomposition. High-voltage apparatuses, utilizing SF6 as gas-insulating medium,
require rapid and continuous monitoring. Detecting CO as one of the SF
6 decomposition products allows
early diagnosis of apparatus failure. With the spectrophone consisting of an 8 kHz T-shaped quartz
tuning fork and a pair of resonator tubes for photoacoustic detection, a quantum cascade laser (QCL)
with central wavelength of 4.61 µm is used as the light source of the optical sensor. This novel design
achieved a minimum detection limit of 10 ppb at 10 seconds of signal integration time for CO detection in
SF
6 decomposition.
INTRODUCTION / SF6
Sulfur hexafluoride (SF
6)
is commonly used in
electrical power plants and apparatuses with high-voltages
(
Figure 1). Because of its dielectric strength, heat transfer
capacity, and ability to interrupt electric arcs, SF
6 is a
popular insulating gas in electrical equipment such as
electrical switches and gas circuit breakers. It is especially
useful for high-voltage systems as SF
6 is non-flammable,
non-toxic, and relatively low cost.
The only problem that can cause hesitation with SF
6 as
the insulating medium for these devices is the high global
warming potential. SF
6 is a potent greenhouse gas and can
trap heat in the atmosphere if not contained. It is important
to monitor and maintain all systems and apparatuses that
use SF
6 as the gas-insulating medium.
When SF
6 coexists with metal and decomposes, it can
break down into SF
2, SF4, SF5, and S2F10. If no impurities
are present these products recombine and return to
their original shape and composition. However, they can
react with O
2 and H2O impurities and produce chemically
active products such as SO
2, SOF2, SO2F2, CO, and CF4.
1
Measuring these decomposition products of SF
6
can
provide an efficient and precise method to detect failures
and overheating problems in gas-insulated switchgears
(GISs) and other SF
6-insulated systems.
Carbon monoxide (CO) is the best candidate for monitoring
the maintenance of the GISs. With regulated working levels
for 8-hour shifts of around 20-50 parts-per-million (ppm), it
can be used to provide an early diagnosis on the health of
the GISs. A good detection system would have a minimum
detection limit of ~1 ppm for real-time, in-situ operation in
SF
6 environments.
1
Figure 1. High-Voltage Gas-Insulated Switchgear (GIS)
in Utility Substation.
PHOTOACOUSTIC SPECTROSCOPY
Researchers have reported many different methods
to detect decomposition products of SF
6, among them
are: gas chromatography, electrochemical methods,
metal-oxide semiconductor sensors, and tube detection
methods. Unfortunately, these method usually contain large
amounts of background noise as well as low stability and
are not consumption free regarding the material.2 These
drawbacks prevent real-time and in-situ monitoring of the
decomposition products of SF
6 in GISs. However, in the
past few years, optical methods have been reported to
detect CO at the ppm level and even at the parts-per-billion
(ppb) level.1


Similar Part No. - CS-LD05

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
CS-LD01 WAVELENGTH-CS-LD01 Datasheet
273Kb / 5P
Lower Electronic Noise Enhances Atmospheric Gas Sensing
June, 2018
CS-LD02 WAVELENGTH-CS-LD02 Datasheet
2Mb / 5P
Artery Targeted Photothrombosis to Better Model Human Stroke and Forelimb Impairment
October, 2019
CS-LD03 WAVELENGTH-CS-LD03 Datasheet
1Mb / 5P
Optical Interruption of Quantum Cascade Laser for Cavity Ring- Down Spectroscopy
January, 2021
CS-LD04 WAVELENGTH-CS-LD04 Datasheet
4Mb / 5P
Biological Detection Using Virus Lasers
June, 2021
CS-LD06 WAVELENGTH-CS-LD06 Datasheet
4Mb / 6P
Using QCLs for Studying Exceptional Point Singularities
November, 2022
More results

Similar Description - CS-LD05

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS68882 ATMEL-TS68882 Datasheet
1Mb / 43P
CMOS Enhanced Floating-point Co-processor
logo
Advanced XTAL Products
AXIS10 AXTAL-AXIS10 Datasheet
55Kb / 2P
SMD VCXO in CO 26 package
2005-06-10
logo
Hamamatsu Corporation
S12028_KPIN1083E01 HAMAMATSU-S12028_KPIN1083E01 Datasheet
575Kb / 3P
Enhanced near IR sensitivity, using a MEMS
logo
STMicroelectronics
AN3090 STMICROELECTRONICS-AN3090 Datasheet
1Mb / 19P
Power saving and LED status detection using the STP16DPPS05 device
03-Dec-2009
AN2415 STMICROELECTRONICS-AN2415 Datasheet
307Kb / 11P
Using the output detection feature of the high-brightness
30-Aug-2007
logo
Hamamatsu Corporation
S11519 HAMAMATSU-S11519_15 Datasheet
571Kb / 4P
Enhanced near IR sensitivity, using a MEMS technology
logo
Sangdest Microelectroni...
SSR1680 SMC-SSR1680 Datasheet
238Kb / 11P
Built-In Detection Voltage Hysteresis
logo
Analog Devices
ADXRS910 AD-ADXRS910 Datasheet
94Kb / 2P
Rollover Detection In-Plane Gyroscope
logo
TE Connectivity Ltd
CAT-ATS0040 TEC-CAT-ATS0040 Datasheet
97Kb / 1P
WATER IN FUEL DETECTION SENSOR
logo
SparkFun Electronics
SEN-15050 SPARKFUN-SEN-15050 Datasheet
223Kb / 3P
SparkFun Triad Spectroscopy Sensor - AS7265x (Qwiic)
11??2??8
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com