Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD05 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-LD05
Description  CO Detection in SF6 Using Quartz-enhanced Photoacoustic Spectroscopy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD05 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-LD05 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD05 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD05 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD05 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD05 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Case Study CS-LD05 Rev. A
Page 3
© 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
A recent custom QTF uses rectangularly shaped prongs
with resonance frequency of 15.2 kHz to detect CO
in standard air in the ppb range (Li2019). However, to
decrease the resonance frequency even further, the prong's
thickness can be decreased. This does add a problem
of decreased QTF quality factor, however. A new QTF
geometry is required to maintain quality factor and reduce
resonance frequency. Here, researchers have designed a
T-shaped QTF with carved grooves to modify the resonance
frequency without affecting the quality factor. The schematic
and parameters of the custom T-shaped QTF can be seen
in
Figure 3.
Figure 3. (a) Schematic diagram of the T-shaped
grooved QTF, with geometrical parameters. T1 = 2.0 mm;
T2 = 1.2 mm; L1 = 2.4 mm; L2 = 7.0 mm; s = 0.8 mm.
Carved grooves on the QTF prong are 50 µm deep. (b)
Schematic diagram of the QEPAS spectrophone.1
The above QTF has resonance frequency of ƒ
air = 8070.0 Hz
and ƒ
SF6 = 8066.7 Hz in air and in the SF6 matrix,
respectively. Because the molar mass of SF
6 is nearly
five times higher than the molar mass of air, the damping
effects of the surrounding medium on the prongs' vibration
is slightly different, causing the resonance frequencies to
not be identical. The quality factor, Q, is also affected by
whatever gas surrounds the QTF. The measured Q for the
8 kHz QTF is 10900 and 5700 in air and SF
6, respectively.
The standard 32.7 kHz QTF in SF
6 only has Q = 3700 in
SF
6, solidifying the improvements of the new QTF.
1
The rest of the QEPAS sensor can be seen in
Figure 4,
including the laser with current control, acoustic detection
module (ADM), and waveform generator.
Figure 4. Schematic of the QEPAS sensor for CO
detection in the SF
6 matrix. TEC, thermo-electric cooler;
ADM, acoustic detection module; PM, power meter;
DAQ, data acquisition; PC, personal computer.1
An airtight chamber contains the QTF and the resonator
tubes for acoustic detection. A distributed feedback (DFB)
quantum cascade laser (QCL) was used for transmitted
radiation into the gas chamber. This laser has a central
wavelength of 4.61 µm, targeting the high absorption range
of CO. With a QCL driver from Wavelength Electronics,
the laser source was controlled to the selected absorption
line at 2169.2 cm-1 with an injection current of 214 mA.
This corresponds to an output optical power of 20 mW
as well as ensures the highest absorption of light in CO
gas. The emitted light from the QCL can pass through
windows on the ADM and through the resonator tubes
with diameter of 1.0 mm, while only being absorbed by
the gas inside the chamber and not touching the resonator
tubes. The gas mixer and pressure controller optimize
the gas concentrations inside the ADM at any given time
and can provide different gas mixtures with different CO
concentrations in SF
6.
The QCL current driver also enabled the laser to perform
a modulation signal at half the QTF resonance frequency
from a waveform generator. An analog adder superimposed
a triangular ramp to scan the laser wavelength and the
second harmonic (2ƒ) modulation at half the resonance
frequency. The preamplifier can then detect the signals from
the QTF and send to the PC for storage and analysis. A
lock-in integration time of 1 second was set for this system.1
Initial testing was performed to maximize the QEPAS signal
by calibrating the current modulation amplitude, operating
pressure, and other operating conditions for CO detection.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com