Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD05 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # CS-LD05
Description  CO Detection in SF6 Using Quartz-enhanced Photoacoustic Spectroscopy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD05 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  CS-LD05 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD05 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD05 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD05 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD05 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Case Study CS-LD05 Rev. A
Page 4
© 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
RESULTS
Initial tests determined the optimal pressure and modulation
depth of the QEPAS signal for CO detection. The results
are shown in
Figure 5.
Figure 5. QEPAS signal of a certified 500 ppm CO:SF
6
mixture, as a function of the modulation depth set on
the waveform generator. Operating pressure varied from
200 Torr to 600 Torr.1
From the plot above, the highest QEPAS signal was
recorded when the operating pressure was 500 Torr and
the modulation depth was 80 mV. With these parameters,
different concentrations and mixtures of CO in SF
6 were
generated and analyzed. Starting from the verified 500 ppm
mixture, the concentration was diluted down to 15 ppm.
By varying the injection current to target just SF
6 and CO,
an offset of 40 µV was calibrated for the SF
6 gas. Tuning
the laser current at the CO absorption peak of 214 mA, the
QEPAS signal was plotted as a function of CO concentration
after removing the SF
6 offset in Figure 6. A linear fit was
added to the data as seen in the graph inset, resulting in
a slope of 45.1 µV/ppm. To determine the detection limit
of the sensor, the background noise was measured to be
4.6 µV (1σ value) at 1 s of integration time. The minimum
detection limit (MDL) was then calculated where the CO
concentration corresponds to a signal-to-noise ratio of 1.
The MDL calculated for this custom QEPAS sensor resulted
in 90 ppb, making this sensor a reliable and high precision
system for CO detection in many applications.
The stability of the sensor was acquired with long-term
measurement with the laser injection current locked at
214 mA. The results are shown in
Figure 7.
Figure 6. QEPAS signals acquired at different
concentrations of CO in SF
6 mixture and QEPAS signal
of pure SF
6 as a function of the laser injection current.
(inset) CO peak signals acquired at different CO
concentrations (blue dots) and the corresponding linear
fit (red line).1
Figure 7. 1σ noise of QEPAS signal as a function of the
lock-in integration time as result of Allan-Werle deviation
analysis.1
Because the sensor 1σ noise level decreases as the
integration time increases, an estimated MDL of 10 ppb can
be calculated from an integration time of 10 s. This makes
the compact QEPAS sensor with custom T-shaped QTF
an essential tool for CO monitoring in GISs with real-time
tracking and in-situ CO detection in the ppb range.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com