Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD05 Datasheet(PDF) 5 Page - Wavelength Electronics, Inc.

Part # CS-LD05
Description  CO Detection in SF6 Using Quartz-enhanced Photoacoustic Spectroscopy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD05 Datasheet(HTML) 5 Page - Wavelength Electronics, Inc.

  CS-LD05 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD05 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD05 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD05 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD05 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Case Study CS-LD05 Rev. A
Page 5
© 2022 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
KEYWORDS
Photoacoustic spectroscopy, quartz tuning fork, sulfur
hexafluoride, carbon monoxide, gas sensing, quantum
cascade laser, gas-insulated switchgears, QCL, QEPAS,
SF6, CO, QTF, GIS
PRODUCTS USED
QCL2000 LAB
REVISION HISTORY
Document Number: CS-LD05
REVISION
DATE
NOTES
A
March 2022
Initial Release
REFERENCES
1. Andrea Zifarelli, Pietro Patimisco, Stefano Dello Russo,
Angelo Sampaolo, Marilena Giglio, Bo Sun, Hongpeng
Wu, Lei Dong, and Vincenzo Spagnolo "Quartz-
enhanced photoacoustic spectroscopy for CO detection
in SF6 decomposition", Proc. SPIE 11693, Photonic
Instrumentation Engineering VIII, 116930H (2021);
https://doi.org/10.1117/12.2577619
2. Bo sun, Andrea Zifarelli, Hongpeng Wu, Stefano Dello
Russo, Shangzhi Li, Pietro Patimisco, Lei Dong, and
Vincenzo Spagnolo "Mid-Infrared Quartz-Enhanced
Photoacoustic Sensor for ppb-Level CO Detection in a
SF6 Gas Matrix Exploiting a T-Grooved Quartz Tuning
Fork", Anal. Chem. 13922-13929 (2020); https://doi.
org/10.1021/acs.analchem.0c02772
USEFUL LINKS
•
QCL2000 LAB
Product Page
PERMISSIONS
Figures 2, 3, 4, 5, 6, & 7 and data used for this case
study were obtained from Reference 1. Permission was
granted for use of the images and data from SPIE and the
corresponding author(s) of Reference 1.
No changes were made to the images or the captions. They
are presented here in their original form.
WAVELENGTH'S ROLE
Detecting CO gas by means of wavelength modulation,
second
harmonic
modulation,
and
photoacoustic
techniques requires high precision and stable control of the
quantum cascade laser in the QEPAS sensor. Wavelength
Electronics' QCL driver, the QCL2000 LAB, enabled
sensitive measurements with minimal electronic noise from
the laser for narrow linewidth from the QCL. The driver also
allows analog modulation of up to 2-3 MHz for wavelength
modulation and second harmonic modulation in the QEPAS
sensor. This allowed the QEPAS sensor to achieve a
minimum detection limit of 90 ppb which can be decreased
down to 10 ppb using an integration time of 10 s, indicating
the long term stability of the QCL2000 LAB current driver
The stability of the QCL is critical for exact excitation
of the gas molecules detected by the quartz tuning
fork. Wavelengths' low noise, high stability QCL driver,
QCL2000 LAB, can precisely deliver up to 2 A to the
laser. This benchtop QCL driver instrument exhibits noise
performance of 1.3 µA RMS up to 100 kHz with an average
current noise density of 4 nA/√Hz. Additional features, such
as the intuitive touchscreen interface, USB and Ethernet
connections, rack mountability, and adjustable output
current and compliance voltage enable custom setup in
any design. Brown-out, overvoltage, key switch, turn-on
delay, and current ramp protect the user and the QCL from
potential damage and electrical faults.
The QCL2000 LAB QCL driver instrument enables CO
detection at parts-per-billion levels with low noise and stable
laser output. This makes the developed QEPAS a reliable
tool for CO monitoring inside gas-insulated switchgears
and other high-voltage apparatuses using SF
6 as the gas-
insulating medium.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com