Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD08 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-LD08
Description  Measuring Atomic Oxygen Densities with a Terahertz QCL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD08 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-LD08 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD08 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD08 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD08 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD08 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Case Study CS-LD08 Rev. A
Page 2
© 2023 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
the ground state can be easier to detect. The strongest of
which is located at approximately 63 µm, corresponding to
a frequency of about 4.75 Terahertz (THz). With recent THz
laser development in the last few decades, this transition
can be used for absorption spectroscopy measurements.
Specifically, quantum cascade lasers (QCLs) can provide
promising and precise results in this THz range.
QCLs are commonly used in mid-infrared laser absorption
spectroscopy and are an excellent choice for high-resolution
spectroscopy. Due to their typical narrow linewidth (from
a few MHz down to kHz range),1 THz QCLs are suitable
for detecting atomic oxygen in plasmas by using the
fine structure transition at 4.75 THz. Thus, QCLs in THz
absorption spectroscopy provide a diagnostic technique for
measuring atomic oxygen densities.
METHOD
Researchers from the Leibniz Institute for Plasma
Science and Technology and the Paul-Drude-Institut für
Festkörperelektronik in Germany have developed the first
implementation of THz QCLs for high-resolution absorption
spectroscopy on plasmas, detecting absolute densities of
ground state atomic oxygen at the fine structure transition
at 4.75 THz. Measurement of the atomic oxygen densities
were performed on a low-pressure capacitively coupled
radio frequency (CCRF) oxygen discharge.1
The complete setup of the experiment, including the
QCL, reference gas cell (RGC), mass flow controller
(MFC), plasma reactor, and other electronics can be seen in
Figure 1. The QCL utilized for the research exhibited single-
mode operation with optical output powers ranging from 1 to
8 mW at operating temperatures below 70 K. This required
containing the QCL in a cryocooler where temperature was
regulated with < 5 mK stability. As for the supply current, the
laser was tuned across a frequency range of approximately
3 GHz by linearly ramping the input current. By continuous
ramping instead of discrete stepping of the current, faster
measurements were achieved with much better spectral
sampling rate. The current was supplied by Wavelength
Electronics' QCL1000 OEM laser driver connected to a
function generator to provide a sawtooth waveform with a
frequency of 10 Hz with minimum and maximum current
values of 480 and 600 mA, respectively.1 A bolometer was
used to detect laser radiation, based on measuring changes
in temperature. Thus a chopper was used to modulate the
signal to allow the bolometer to excite and relax. All results
were averaged over 200 individual measurements to
improve the signal-to-noise ratio.
Figure 1. Schematic overview of the experimental
setup for THz absorption spectroscopy. QCL: quantum
cascade laser, RGC: reference gas cell, MFC: mass flow
controller.1
For this setup, the plasma is an asymmetric CCRF
discharge created in pure oxygen. The applied RF signal
was varied between 20 and 100 W. A window in the plasma
reactor allowed the laser beam to pass through the reactor,
and a mirror in the back reflected the beam back toward
the entrance window. The estimated effective absorption
length was 84 ± 2 cm within the plasma reactor (assuming
the oxygen atoms are distributed throughout the entire
plasma reactor). Oxygen, from a gas cylinder with purity
99.998%, was pumped into the reactor, and the pressure
was adjusted to 0.7 or 1.3 mbar.
An etalon or RGC could be placed in front of the bolometer
with the removable mirror in place to shorten the optical
path length and improve the signal intensity. An etalon
can provide the relation between current and relative
wavenumber. The RGC is used to obtain information on
the instrumental function and to validate the measurement
procedure. Ammonia was chosen as the reference
gas as some of its absorption features are close to the
fine structure transition of atomic oxygen as shown in
Figure 2. Also shown are the laser tuning windows used
in this experiment for the two selected laser temperatures.
The window for the higher temperature was only used to
detect the ammonia at the greater absorption feature,
and the other at the lower temperature was used for most
measurements, as lower temperatures corresponded to
higher output powers.1 Ammonia measurements validated
the atomic oxygen spectra results.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com