Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD08 Datasheet(PDF) 5 Page - Wavelength Electronics, Inc.

Part # CS-LD08
Description  Measuring Atomic Oxygen Densities with a Terahertz QCL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD08 Datasheet(HTML) 5 Page - Wavelength Electronics, Inc.

  CS-LD08 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD08 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD08 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD08 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD08 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Case Study CS-LD08 Rev. A
Page 5
© 2023 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
KEYWORDS
Terahertz, absorption spectroscopy, quantum cascade
lasers, QCLs, atomic oxygen, plasmas, ammonia, high
resolution, diagnostic
PRODUCTS USED
QCL1000 OEM
REVISION HISTORY
Document Number: CS-LD08
REVISION
DATE
NOTES
A
April 2023
Initial Release
REFERENCES
1. J R Wubs, U Macherius, K-D Weltmann, X Lü, B
Röben, K Biermann, L Schrottke, H T Grahn, and J
H van Helden "Terahertz absorption spectroscopy
for measuring atomic oxygen densities in plasmas",
Plasma Sources Sci. Technol.
32 025006 (2023);
https://doi.org/10.1088/1361-6595/acb815
2. https://www.nasa.gov/topics/technology/features/
atomic_oxygen.html
3. Gordon I E et al J. Quant. Spectrosc. Radiat. Transfer
277 107949 (2022)
USEFUL LINKS
•
QCL1000 OEM
Product Page
PERMISSIONS
Figures 1 - 6 in this case study were obtained from
Reference 1. The article (Ref. 1) is distributed under terms of
Creative Commons Attribution 4.0 International License
(https://creativecommons.org/licenses/by/4.0/),
which
permits unrestricted use, distribution, and reproduction
in any medium, provided that you give appropriate
credit to the original authors and the source, provide a
link to the Creative Commons license, and indicate if
changes were made.
No changes were made to the captions or images. They are
presented here in their original form.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com