Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD08 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-LD08
Description  Measuring Atomic Oxygen Densities with a Terahertz QCL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD08 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-LD08 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD08 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD08 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD08 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD08 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Case Study CS-LD08 Rev. A
Page 3
© 2023 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 2. Simulated transmission spectra (T = 296 K) of
ammonia and atomic oxygen from the HITRAN spectral
database [3]. Laser tuning windows corresponding to
laser currents between 480 and 600 mA are indicated for
laser temperatures of 44.30 and 54.45 K.1
RESULTS
The raw spectrum results for both measurements of
ammonia (NH
3) and atomic oxygen can be seen in
Figure 3. The absorption spectrum is generated from the
laser radiation passing through the plasma reactor and
the RGC filled with NH
3. The rising and falling slopes on
either side of the absorption features are attributed to the
opening and closing of the optical chopper. Two of the
three ammonia transitions are shown in
Figure 3 as well as
the desired atomic oxygen fine structure transition. With the
wavenumber axis shifted to match the known NH
3 transition
at 158.257314 cm-1, the fine structure transition of atomic
oxygen matches well with the transition wavenumber of
158.268741 cm-1 in literature with uncertainty less than
0.0001 cm-1.1 Although the second ammonia transition has
no further purpose in this study, it does show promising
results for this setup in high-resolution spectroscopy in THz
ranges.
The third NH
3 transition, at 158.214792 cm
-1
lies outside
of the laser tuning window in the previous figure, but it
can be used for characterizing the broadening of spectral
lineshapes due to its strong features. Most spectral profiles
have symmetrical lineshapes, but both the ammonia and
atomic oxygen spectral lines contained some amount of
asymmetry. To fix this, the speed of the laser tuning was
slowed down. The minimum and maximum current values
were changed, reducing the wavenumber tuning range.
This can be seen in
Figure 4. The third (sR(7,3)) transition
of ammonia was used to test the fix to the asymmetry of the
spectral lines due to the line strength. Decreasing the laser
tuning speed, reduced the asymmetry of the profiles.
Figure 3. Raw spectrum from a simultaneous
measurement of a RGC with NH
3 (p = 2 mbar, L = 15 cm)
and an O
2 plasma (p = 1.3 mbar, P = 30 W), measured with
a laser temperature of 44.30 K.1
Figure 4. Comparison of the absorption spectra of a
RGC with NH
3 (p ≈ 0.01 mbar, L = 3 cm), showing the
sR(7,3)-transition of 14NH
3 at 158.214792 cm
-1
, for different
laser tuning speeds and a laser temperature of 54.45 K.1
Figure 5 shows the spectral absorption profile of the
atomic oxygen transition studied with the CCRF discharge
in pure oxygen at a pressure of 1.3 mbar and an applied
power of 30 W. A Gaussian fit was added to the profile, and
the area under the fit can be used to find the value of the
atomic oxygen density. After this, a Boltzmann distribution
of the energy levels can be assumed, as the area under
the fit will give the density for all three transitions of atomic
oxygen. The temperature is also a determining factor when
calculating the density. For the absorption profile shown in



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com