Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD08 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # CS-LD08
Description  Measuring Atomic Oxygen Densities with a Terahertz QCL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD08 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  CS-LD08 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD08 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD08 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD08 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD08 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Case Study CS-LD08 Rev. A
Page 4
© 2023 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 5. Spectral absorption profile of the fine
structure transition of atomic oxygen at 158.268
741 cm-1, measured in a CCRF O
2 discharge (p = 1.3 mbar,
P = 30 W) using a laser tuning speed of 74 mA s-1 and a
laser temperature of 44.30 K. A Gaussian function was
fitted to the profile; the corresponding residual is given
in the bottom part of the figure.1
Figure 5, the total density of ground state atomic oxygen is
calculated to be 9.6 x 1014 cm-3. Although the total estimated
possible error in this final calculation is 30%, the technique
by itself has a precision of approximately 5%. Here the
range is largely due to the uncertainty in temperature,
absorption length, and averaging over unknown density
and temperature distributions.1 These are common sources
of error in plasma studies, but this method has shown
promising results.
Multiple measurements of atomic oxygen density were
performed for different applied RF power and gas
pressures. These results can be seen in
Figure 6 with
the vertical bars indicating average spread of single data
points. These results clearly show a change in atomic
oxygen density when varying the applied RF power or gas
pressure. This indicates that the technique also is well
suited to study external influences on the density of atomic
oxygen.1
With this experiment, researchers have demonstrated
the first tunable THz QCL for high-resolution absorption
spectroscopy. The density of atomic oxygen was measured
at the fine structure transition of 4.74477749 THz and
was validated by reference gas measurements of well-
defined ammonia transitions within an accuracy of 5%.
With a current detection limit of 2 × 1013 cm-3, this method
has proved useful for measuring atomic oxygen densities
in plasmas, creating an improved standard diagnostic
technique.
Figure 6. Comparison of atomic oxygen densities as a
function of the applied RF power for different pressures.
The vertical bars do not indicate the measurement error
but the average spread of single data points.1
WAVELENGTH'S ROLE
Measuring atomic oxygen density with high-resolution
requires high precision and stable control of the quantum
cascade laser when using terahertz frequencies.
Wavelength Electronics' QCL driver, QCL1000 OEM,
enabled precise current control with minimal electronic
noise from the QCL. The driver also allows analog
modulation of up to 2-3 MHz for wavelength modulation.
This allowed the QCL to emit a sawtooth waveform as well
as enabling laser tuning by changing the drive current. As
laser linewidth is a major concern for QCLs, the QCL1000
OEM minimizes noise to as low as 0.7 µA up to 100kHz as
well as keeping the average current noise density to as low
as 2 nA / √Hz.
The stability of the QCL supply current is critical for
consistent electrical bandwidth of the QCL. Wavelengths'
QCL1000 OEM, can precisely deliver up to 1 A to the
laser. Additional features, such as the brown-out, over-
and reverse-voltage, soft-clamping current limit, and over-
temperature circuits protect the user and the QCL from
potential damage and electrical faults.
The QCL1000 OEM QCL driver enables sensitive terahertz
absorption spectroscopy at a measurement accuracy
within 5% with low noise and stable laser output. This
makes the developed THz QCL system a reliable tool for
real-field applications in standard diagnostic techniques for
measuring atomic oxygen densities in plasmas.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com