Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD08 Datasheet(PDF) 1 Page - Wavelength Electronics, Inc.

Part # CS-LD08
Description  Measuring Atomic Oxygen Densities with a Terahertz QCL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD08 Datasheet(HTML) 1 Page - Wavelength Electronics, Inc.

  CS-LD08 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD08 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD08 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD08 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD08 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2023 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Case Study CS-LD08 Rev. A
Measuring Atomic Oxygen
Densities with a Terahertz QCL
April, 2023
Page 1
ABSTRACT
Plasma applications heavily depend on atomic oxygen densities, but knowing those densities requires
precise and accurate diagnostic techniques. Researchers from Germany have developed the first
implementation of THz QCLs for high-resolution absorption spectroscopy on plasmas, detecting absolute
densities of ground state atomic oxygen at the fine structure transition at 4.75 THz. Validated with three
transitions of ammonia close to this atomic oxygen line, this technique and measurement accuracy is
within 5% and the detection limit is 2 × 1013 cm-3. This shows promising results for applications in plasma
research that replace existing methods for measuring atomic oxygen densities with compactness without
requiring calibration. Not only does this research expand the understanding of physio-chemical behavior
of atomic oxygen, it also proves the diagnostic capabilities of THz absorption spectroscopy with QCLs.
OXYGEN AND PLASMAS
Plasmas, or the "fourth state of matter," are used in a
wide variety of applications in industry and medical fields.
Particularly, oxygen-containing plasmas can be used for
etching, chemical vapor deposition, and plasma sterilization
of medical instruments and devices.1 Impurities and
contaminants can be thoroughly removed with plasma when
using high frequency voltages to ionize the gas. Atomic
oxygen is a common gas used for these applications due to
its highly reactive characteristics. Naturally occurring atomic
oxygen does not exist for very long on Earth because of this
high reactivity.
Oxygen plays a major role in the breakdown or erosion of
polymers, whether in space applications with damages to
spacecraft and organic materials or in surface modification
of nanostructures in biomedical and industrial applications.
In the biomedical field atomic oxygen can be used for
texturing polymer surfaces that are eventually fused with
bones, or, in contrast, it may be used to smooth surfaces
to eliminate any chances to bond or adhere to the surface.
One of the most common applications of atomic oxygen
is plasma sterilization. Any type of implant greatly benefits
from sterilization from plasmas. This type of sterilization can
remove biologically active contaminants or organic debris.
This reduces the risk of post-operation inflammation for
the patient.2 Therefore, it is critical to know the densities
of oxygen atoms in oxygen-containing plasmas for
future development of applications as well as to gain a
fundamental understanding of the chemistry and reactivity
of atomic oxygen.1
PROBLEMS AND GOALS
To measure atomic oxygen densities, very precise
and accurate diagnostic techniques are required. The
first method is two-photon absorption laser-induced
fluorescence and is well-established. However, this
technique can be complex, expensive and requires a
calibration procedure to obtain absolute atomic oxygen
densities. This involves a comparison of two-photon
excitation cross sections for both oxygen and xenon.1
These extra steps and complexity make this a suboptimal
technique.
A second method is actinometry. Two emission lines
are studied with optical emission spectroscopy at the
approximate wavelengths of 777 nm and 844 nm of atomic
oxygen. Although it is a simple method, it is based around
a chemical actinometer that can perturb the plasma.
Unfortunately, it also relies heavily on an accurate modeling
of excitation and relaxation processes, a step that can
introduce errors.1 Other methods and techniques include
chemical titration with NO molecules and catalytic probes.
Fortunately, there is a method that provides direct absolute
ground state densities of atomic oxygen, and the accuracy
to which it is measured is almost solely dependent on the
accuracy to which the transition line strength is known.1 This
technique, used in many other diagnostic and detection
applications, is absorption spectroscopy. For atomic
oxygen, the absorption spectrum lies partially in the vacuum
ultraviolet region of the electromagnetic spectrum, which
does provide a challenge for these types of experiments.
There are some weak transitions of atomic oxygen in the
visible range, but these only become detectable when
using cavity ring-down spectroscopy to enhance the signal
strength. This adds more difficulty to the already challenging
task. Stronger transitions between fine structure levels of


Similar Part No. - CS-LD08

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
CS-LD01 WAVELENGTH-CS-LD01 Datasheet
273Kb / 5P
Lower Electronic Noise Enhances Atmospheric Gas Sensing
June, 2018
CS-LD02 WAVELENGTH-CS-LD02 Datasheet
2Mb / 5P
Artery Targeted Photothrombosis to Better Model Human Stroke and Forelimb Impairment
October, 2019
CS-LD03 WAVELENGTH-CS-LD03 Datasheet
1Mb / 5P
Optical Interruption of Quantum Cascade Laser for Cavity Ring- Down Spectroscopy
January, 2021
CS-LD04 WAVELENGTH-CS-LD04 Datasheet
4Mb / 5P
Biological Detection Using Virus Lasers
June, 2021
CS-LD05 WAVELENGTH-CS-LD05 Datasheet
1Mb / 5P
CO Detection in SF6 Using Quartz-enhanced Photoacoustic Spectroscopy
March, 2022
More results

Similar Description - CS-LD08

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
RB-2110CB EPSONTOYOCOM-RB-2110CB Datasheet
478Kb / 2P
RUBIDIUM ATOMIC OSCILLATOR
RB-3310N EPSONTOYOCOM-RB-3310N Datasheet
496Kb / 2P
RUBIDIUM ATOMIC OSCILLATOR
logo
Emcore Corporation
PB7200 EMCORE-PB7200 Datasheet
1Mb / 4P
Portable Frequency Domain Terahertz Spectrometer
PB7220-2000-T EMCORE-PB7220-2000-T Datasheet
1Mb / 6P
Portable Frequency Domain Terahertz Spectrometer
logo
Mallory performance clu...
PN2905 MALLORY-PN2905 Datasheet
1Mb / 4P
Atomic EFI Throttle Body
PN2922 MALLORY-PN2922 Datasheet
1Mb / 8P
Atomic EFI Return System
PN2933 MALLORY-PN2933 Datasheet
2Mb / 4P
Atomic MAP Sensor
PN2937 MALLORY-PN2937 Datasheet
689Kb / 2P
Atomic Idle Air Control
PN2945 MALLORY-PN2945 Datasheet
95Kb / 2P
Atomic LS Throttle Body
PN2960 MALLORY-PN2960 Datasheet
7Mb / 24P
Atomic LS7 EFI Master Kit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com