Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD09 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-LD09
Description  Dual-Comb and Fourier Transform for Fast and High Spectral Spectroscopy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD09 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-LD09 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD09 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD09 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD09 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD09 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Case Study CS-LD09 Rev. A
Page 2
© 2023 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 2. A CW reference laser provides a frequency reference and serves as a tool for mapping out and removing
the induced frequency chirp imposed by the nonlinear rotational delay line. QCL and CW laser beam are spatially
superimposed via a beam splitter (BS) and also separated via the optical low-pass filter (LP). Interferograms of the QCL
are acquired with the sample (DS) and normalization (DN) detector, where the reference interferogram of the CW laser
is recorded with detector DR. All measurements are synchronized with the trigger. The function generator (WFG) can be
used for continuously tuning the QCL operation point by applying a ramp to the current driver of the QCL.1
Figure 3. (a) Realization of the rotational delay line (RDL) consisting of three-dimensional rotational retro-reflecting
(RR) octagrammic prism and a static retro-reflecting system (SR). The SR is arranged in such a way with respect to RR,
that multiple reflections between SR and RR are possible. By exploiting the point symmetry of the system, the optical
path delay can be doubled with two SR on opposite sides of the RR. (b), (c) Top view of a beam propagation in the RDL at
rotation angle 0º and α. (d) Recorded interferogram on each rotational retro-reflector of the delay line.1
METHOD
Researchers from the Institute for Quantum Electronics
in Zürich, Switzerland have developed a FT spectrometer
based on a rotational motion of the scanning mirror that
has the ability to perform Mid-IR dual-comb spectroscopy
with a single comb source. The setup of the system can be
seen in
Figure 2. The QCL light source emits around 8 µm
wavelength with a maximum emission power of 60 mW at
-20ºC. The emitted light is a frequency modulated comb,
resulting in a linearly chirped instantaneous frequency with
nearly constant intensity.1 The centerpiece of this design is
the rotational delay line (RDL) that enhances the temporal
resolution with a three-dimensional rotational retro-
reflecting octagrammic prism and a static retro-reflecting
system in
Figure 3. This makes the temporal resolution
proportional to the angular velocity of the rotating mirror and
can reach millisecond acquisition speeds. As the number
of retro-reflectors depends on a number of variables, eight
reflectors are chosen for an acquisition time recording a
single interferogram in around 1 ms or faster. Fortunately,
the phase delay is independent of beam diameter, widening
the spectroscopy applications for this system.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com