Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD09 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # CS-LD09
Description  Dual-Comb and Fourier Transform for Fast and High Spectral Spectroscopy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD09 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  CS-LD09 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD09 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD09 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD09 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD09 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Case Study CS-LD09 Rev. A
Page 4
© 2023 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 5. (a) Absorbance is computed from time resolved-transmission measurements on the filled gas cell to a pressure
of 200hPa which is evacuated via a pump. The computed methane absorbance for a pressure of 200hPa is shown on
the right side with white lines. (b) Visualization of the temporal evolution of the strongest absorption line (marked with
a dotted black line) in (a) and the corresponding pressure of the gas cell (error bars are pressure gauge error). A zoom
in is shown in the top right corner with 500ms time duration starting 1s after opening the valve. (c) Computed HITRAN
absorbance of methane at a pressure of 200hPa, 100hPa and 50hPa and the measured absorbance close to the strongest
absorbance peak at these pressures and hence corresponding laboratory time.1
To demonstrate the higher acquisition speeds of the
developed spectrometer, time-resolved spectroscopy was
performed on methane gas. Several low pressure methane
absorption lines are measured as seen in
Figure 5. There
is significant agreement of spectral and temporal resolved
methane absorption lines. Because each line can be seen
as an independent barometer, each line can be calibrated,
increasing the accuracy of the measurement.
This proof-of-principle rotational FT spectrometer enables
high spectral resolution alongside fast acquisition
times. Because of the ms speeds with the dual-comb
spectroscopy, performed with only a single QCL frequency
comb, the 1/f noise was significantly reduced. With the
silicon etalon and the low pressure methane, high resolution
was demonstrated with the interleaving technique.
This could prove useful for photo-acoustic dual-comb
spectroscopy or multidimensional FT spectroscopy as well.1
With the research shown here, the majority of spectroscopy
applications can benefit, ranging from reaction monitoring,
leakage monitoring, and in-line process analytical
technology.1 The advantages of dual-comb and FT
spectroscopy are combined and displayed for an improved
QCL frequency comb as the light source. This design
creates more opportunities where high speed, large optical
bandwidth, and high spectral resolution are desired.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com