Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD09 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-LD09
Description  Dual-Comb and Fourier Transform for Fast and High Spectral Spectroscopy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD09 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-LD09 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD09 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD09 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD09 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD09 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Case Study CS-LD09 Rev. A
Page 3
© 2023 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
To perform absorption with the rotational FT spectrometer,
a background spectrum and a sample spectrum are
necessary. This ensures that any background noise and
light scattering is verified to be present and removed from
the QCL spectrum. Before showing the high resolution
of this design, further amplitude noise tests are needed.
The sensitivity, signal-to-noise ratio (SNR), and stability
are determined. Amplitude fluctuations were shown to be
less than 1% with excellent stability over several minutes.
1/f noise in the system is minimized, and the system
background is stabilized with deviations below 1.5%
allowing for long-term measurements.
In contrast to traditional dual-comb spectroscopy with two
synchronized current ramps of different slope, a single
triangular current modulation ramp is applied to the QCL
using Wavelength Electronics' driver. This is set to enable
the overall QCL spectrum to be tuned by one frequency
repetition.1
Two demonstrations of the effectiveness of this
spectrometer were performed on a 500 µm thick silicon
etalon as well as on a gas chamber filled with methane.
These showed the high spectral resolution as well as the
fast temporal resolution of the overall design.
RESULTS
The interleaved data, of 20 consecutive interferograms that
are coherently co-added before the spectrum is computed,
is shown in
Figure 4(a,b) for the silicon etalon. As is shown
with the red line in the plots, the recorded interleaved
spectra fit well with the computed etalon spectrum. Within a
short time of 7 seconds, etalon features were resolved with
resolution less than 0.15 cm-1. This proves the potential of
this spectrometer for sub-GHz spectroscopy.1
The other demonstration with methane proves the more
challenging conditions. Methane, at low pressures, have
sub-GHz linewidths. For this sample, the QCL ramp period
was increased to 25 seconds, generating thousands of
interferograms that are recorded on millisecond time
scales. With the interleaving process, 10 consecutive
interferograms are co-added before computing each
spectra.1 The methane spectrum is shown in
Figure 4(c,d)
with sub-GHz resolved absorption lines. The zoomed in
portion shows that all sub-GHz methane absorption lines
can be well resolved. This is a clear advantage over the
traditional FT spectrometer. This demonstrates millisecond
acquisition times with 0.5 cm-1 (15GHz) spectral resolution,
a feat impossible to achieve with rapid scan commercial FT
spectrometers.1
Figure 4. (a) Measured interleaving spectrum (blue dots, error bars smaller than the dots) of≈500μm thick silicon etalon
within 7s with a binned frequency resolution down to 5GHz. Theoretical computed etalon transmission spectrum (red
line). (b) Zoom into (a). (c) Doppler broadened methane (CH4) spectrum recorded via interleaving (blue dots) at a pressure
of 200 mbar within 25s with frequency binned resolution down to 250MHz and the HITRAN data base reference (red line).
(d) Zoom into (c) with sub-GHz resolved methane absorption lines.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com