Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD09 Datasheet(PDF) 1 Page - Wavelength Electronics, Inc.

Part # CS-LD09
Description  Dual-Comb and Fourier Transform for Fast and High Spectral Spectroscopy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD09 Datasheet(HTML) 1 Page - Wavelength Electronics, Inc.

  CS-LD09 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD09 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD09 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD09 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD09 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2023 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Case Study CS-LD09 Rev. A
Dual-Comb and Fourier Transform
for Fast and High Spectral
Spectroscopy
May, 2023
Page 1
ABSTRACT
Complex chemical and biological reactions require fast (sub-second) spectroscopy with high spectral
resolution. Achieving both of these standards with commercial instruments has proven to be a challenge.
Researchers from Switzerland have developed a Fourier Transform (FT) spectrometer designed around a
custom, continuous rotation scanning mirror, enabling millisecond acquisition times while maintaining high
spectral resolution in the sub-GHz range. The demonstrated system incorporates the advantages of both
FT spectroscopy as well as dual-comb spectroscopy. This design, not only uses a single frequency comb
for dual-comb spectroscopy, but can prove useful in a variety of spectroscopy applications where high
speed, large optical bandwidth, and high spectral resolution are desired.
SPECTRAL AND TEMPORAL RESOLUTION
In the world of spectroscopy, real-time monitoring and
analysis are crucial for understanding underlying complex
dynamics. Whether in chemical reactions (
Figure 1),
protein dynamics, micro-machining, or phase transitions in
novel material systems,1 spectrometers play a major role,
one requiring high temporal and high spectral resolution.
Often times, a general purpose instrument can only have
fast acquisition speeds or high spectral resolution. This
results in a trade-off between temporal and spectral
resolution in spectrometer instrumentation. This is one
of the major challenges alongside the miniaturization of
spectrometers for cost-effective lab-on-a-chip systems.1
Two methods have proven effective in spectroscopic
characterization: Fourier-Transform (FT) spectroscopy and
dual-comb spectroscopy.
FT spectroscopy offers a relatively high spectral resolution
when transforming the frequency signals into the absorption
spectrum useful for analysis. Traditional FT spectrometers
utilize a mirror that is linearly displaced to obtain the
information, hence the decreased temporal resolution.
Dual-comb spectroscopy, especially in the mid-infrared (IR),
enables extremely fast acquisition times while covering
a relevant spectral range for molecular spectroscopy
of 4 - 12 µm. As Mid-IR quantum cascade lasers (QCLs)
continue to increase in accessibility and adaptation for
spectroscopy, high spectral and temporal resolution can be
achieved with the correct instrumentation and techniques.
There are a few criteria that are desirable for real-time
monitoring and analysis: large optical bandwidth, high
spectral resolution, preserved polarization, fast acquisition
speeds, small footprint, decoupled temporal and spectral
resolutions, and support of extended beam diameter size.1
Figure 1. Chemical reactions - one of the leading
applications for real-time, rapid monitoring and analysis.
PROBLEMS AND GOALS
Although FT and dual-comb spectroscopy do bring high
spectral resolution and fast acquisition times, respectively,
both methods have disadvantages. A traditional FT
spectrometer's scan rate is too slow for most applications
due to the linear movement of a mirror for information.
Other methods of FT have sought to improve on the
temporal resolution but usually require and depend
on dispersive elements. While these changes improve
temporal resolution, the spectral bandwidth is sacrificed.
When combining FT and dual-comb spectroscopy to
achieve both high spectral and temporal resolution,
maintaining coherence for both frequency combs is
a challenge. Additional noise can be generated from
the lack of mutual coherence of two free running
lasers.1 Thus it would be beneficial to achieve dual-
comb spectroscopy with only a single frequency comb
source without creating sacrifices of the criteria listed.


Similar Part No. - CS-LD09

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
CS-LD01 WAVELENGTH-CS-LD01 Datasheet
273Kb / 5P
Lower Electronic Noise Enhances Atmospheric Gas Sensing
June, 2018
CS-LD02 WAVELENGTH-CS-LD02 Datasheet
2Mb / 5P
Artery Targeted Photothrombosis to Better Model Human Stroke and Forelimb Impairment
October, 2019
CS-LD03 WAVELENGTH-CS-LD03 Datasheet
1Mb / 5P
Optical Interruption of Quantum Cascade Laser for Cavity Ring- Down Spectroscopy
January, 2021
CS-LD04 WAVELENGTH-CS-LD04 Datasheet
4Mb / 5P
Biological Detection Using Virus Lasers
June, 2021
CS-LD05 WAVELENGTH-CS-LD05 Datasheet
1Mb / 5P
CO Detection in SF6 Using Quartz-enhanced Photoacoustic Spectroscopy
March, 2022
More results

Similar Description - CS-LD09

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3830S ROHM-BA3830S Datasheet
112Kb / 8P
Band-pass filter for spectral analyzers
logo
List of Unclassifed Man...
STM-16 ETC2-STM-16 Datasheet
231Kb / 6P
16 fold Spectroscopy Amplifier with Discriminators and Multiplicity Trigger
logo
Analog Devices
ADV7842 AD-ADV7842 Datasheet
77Kb / 2P
Dual HDMI 1.4 Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. Sp0
ADV7842KBCZ-5P AD-ADV7842KBCZ-5P Datasheet
394Kb / 28P
Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics Digitizer and 3D Comb Filter Decoder
Rev. B
ADV7842KBCZ-5 AD-ADV7842KBCZ-5 Datasheet
406Kb / 28P
Dual HDMI Fast Switching Receiver with 12-Bit, 170 MHz Video and Graphics igitizer and 3D Comb Filter Decoder
REV. B
logo
Roithner LaserTechnik G...
EPD-150-0 ROITHNER-EPD-150-0 Datasheet
33Kb / 1P
Wide bandwidth and high spectral sensitivity in the UV and visible ranges
logo
SHANGHAI BELLING CO., L...
BL6528 BELLING-BL6528 Datasheet
587Kb / 27P
Measure the reactive power transform to fast pulse output
logo
Toshiba Semiconductor
TC90A92AFG TOSHIBA-TC90A92AFG Datasheet
466Kb / 34P
3D comb and Video Decoder
Version 1.5
logo
Marktech Corporate
MTPD4400D-1.4 MARKTECH-MTPD4400D-1.4 Datasheet
1Mb / 2P
Wide bandwidth and high spectral sensitivity in the UV
logo
Lumileds Lighting Compa...
L1IG-0750100000000 LUMILEDS-L1IG-0750100000000 Datasheet
1Mb / 14P
Industry leading broadband IR solution for spectroscopy and hyperspectral imaging applications
20190729
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com