Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD09 Datasheet(PDF) 5 Page - Wavelength Electronics, Inc.

Part # CS-LD09
Description  Dual-Comb and Fourier Transform for Fast and High Spectral Spectroscopy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD09 Datasheet(HTML) 5 Page - Wavelength Electronics, Inc.

  CS-LD09 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD09 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD09 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD09 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD09 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Case Study CS-LD09 Rev. A
Page 5
© 2023 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
KEYWORDS
Fourier-transform spectroscopy, frequency chirped,
spectroscopy, high spectral resolution, mid-infrared, dual-
comb, quantum cascade laser, QCL, FT, laser driver,
QCL1000 OEM
PRODUCTS USED
QCL1000 OEM
REVISION HISTORY
Document Number: CS-LD09
REVISION
DATE
NOTES
A
May 2023
Initial Release
REFERENCES
1. Markmann, S., Franckié, M., Bertrand, M., Manzoni, C.,
& Cerullo, G. "Frequency Chirped Fourier-Transform
Spectroscopy" Communications Physics,
6, 53 (2023).
https://doi.org/10.1038/s42005-023-01157-5
USEFUL LINKS
•
QCL1000 OEM
Product Page
PERMISSIONS
Figures 2 - 5 in this case study were obtained from
Reference 1. The article (Ref. 1) is distributed under terms
of Creative Commons Attribution 4.0 International License
(https://creativecommons.org/licenses/by/4.0/),
which
permits unrestricted use, distribution, and reproduction
in any medium, provided that you give appropriate credit
to the original author and the source, provide a link to the
Creative Commons license, and indicate if changes were
made.
All captions were modified for length. No changes were
made the images. They are presented here in their original
form.
WAVELENGTH'S ROLE
Combing FT spectroscopy with dual-comb spectroscopy
for fast acquisition and high-spectral resolution requires
high precision and stable control of the quantum cascade
laser. Wavelength Electronics' QCL driver, QCL1000 OEM,
enabled precise current control with minimal electronic
noise from the QCL. The driver also allows analog
modulation of up to 2-3 MHz for wavelength modulation.
This enabled laser tuning by changing the drive current to
the QCL with a triangular current modulation ramp. As laser
linewidth is a major concern for QCLs, the QCL1000 OEM
minimizes noise to as low as 0.7 μA up to 100kHz as well
as keeping the average current noise density to as low as
2 nA / √Hz.
The stability and low noise of the QCL supply current is
critical for consistent electrical bandwidth of the QCL.
Wavelengths' QCL1000 OEM, can precisely deliver up to
1 A to the laser. Additional features, such as the brown-out,
over- and reverse-voltage, soft-clamping current limit, and
over-temperature circuits protect the user and the QCL from
electrical faults and potential damage.
The QCL1000 OEM QCL driver enables sub-second
spectroscopy with high spectral resolution with low
noise and stable laser output. This makes the developed
rotational FT spectrometer system a reliable tool for dual-
comb spectroscopy for applications in reaction and leakage
monitoring and in-line process analytical technology.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com