Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD13 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-LD13
Description  Cryogen-Free Solution for Terahertz Absorption Spectroscopy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD13 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-LD13 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD13 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD13 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD13 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD13 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Case Study CS-LD13 Rev. A
Page 2
© 2025 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
METHOD
Researchers from Germany have developed a high-
speed LiTaO
3 pyroelectric receiver used as a cryogen-free
detector for THz absorption spectroscopy measurements.
The experimental setup consists of the LiTaO
3 pyroelectric
detector and amplifier electronics, as shown in
Figure 1.
The pyroelectric receiver is designed to operate at room
temperature, eliminating the need for complex cryogenic
cooling setups. The goal of this design is to increase speed
and detectivity for undistorted measurements of infrared
signals down to 0.5 THz.1
Figure 1. (a) A photograph (30x magnification) of the
LiTaO
3 chip mounted on a header. A thin membrane
(2.3 x 2.3 mm2, 6 µm thickness) is etched into a frame
(3.0 x 3.0 mm2, 20 µm thickness) and then coated
(2.0 x 2.0 mm2). Vibration dampening is achieved by 4
flexible posts. All wire bonds have been made on the
frame. The element is sealed by a TO-can assembly with
an HDPE window (0.8 mm thickness). (b) A simplified
schematic circuit of the current mode configuration.1
The entire system for this experiment is enclosed in a
vacuum-sealed chamber to prevent thermal fluctuations
from the environment, ensuring that the detected signal
originates solely from the THz source. No cooling is
required, and all measurements were performed at room
temperature. The detector comprises a LiTaO3 pyroelectric
element, which uses a proprietary current mode
configuration for radiation detection. As the pyroelectric
detector absorbs radiation, the increased temperature
leads to a charge separation at the detector interfaces
which generates a current that is amplified and converted
to a voltage by the amplifier electronics. The current mode
allows for a much higher gain at low noise levels while
still offering an electronic bandwidth of 8 kHz. Traditional
voltage mode detectors typically only offer 10 - 100 Hz
bandwidth which limits the measurement capabilities.
Not only does the newly developed receiver have a higher
bandwidth than traditional pyroelectric detectors in voltage
mode, but it also achieves high internal amplification and
therefore high responsivity of up to 70 kV/W at low noise
density (25 µV/√Hz). This results in a high detectivity of
up to 4 x 108 cm √Hz/W. With this design, signals can be
measured without distortion and with a linearity of 1% or
better over four orders of magnitude in power.1
The THz radiation is generated by a tunable, continuous-
wave THz quantum cascade laser (QCL) with an output
of ~4 mW. The output of the QCL was tuned by linearly
ramping the input current using Wavelength Electronics'
QCL1000 OEM driver. Continuous ramping with a sawtooth
waveform enabled fast measurements with high spectral
resolution. The spectral resolution was given by the laser
linewidth which was ~6 MHz. Because the detector has a
larger bandwidth than traditional cryogen-cooled detectors,
the laser tuning frequency can be increased without
causing deformation to the absorption features. The tuning
frequency of the QCL was varied from 11 Hz to 4 kHz for
the experiment.
To minimize atmospheric water vapor absorption, the
majority of the laser beam path was purged with nitrogen
gas, as shown in
Figure 2. A parabolic mirror can be
removed so that the laser beam is incident on the
bolometer instead of the pyroelectric detector. This allows
the bolometer to be used to compare the results to validate
the pyroelectric receiver. This figure also shows the size
difference and compact design of the pyroelectric receiver.
Figure 2. (a) A schematic overview (not to scale) of
the THz beam path from QCL to detector (green) with
either the pyroelectric receiver (red) or the bolometer
(yellow) as detector, and (b) a photograph showing both
detectors.1
To achieve high-speed performance, the researchers
optimized the thermal properties of the LiTaO
3 element and
the electronic readout system. This allowed the receiver to
record THz spectra at rates up to 281 Hz without introducing
artifacts into the observed spectral absorption profile.
This rate could be increased with upgrades to the design,
particularly the chopper. The system’s response time and
frequency range were carefully calibrated to ensure the
accurate detection of rapid changes in the absorption
characteristics of the tested materials.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com