Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD13 Datasheet(PDF) 5 Page - Wavelength Electronics, Inc.

Part # CS-LD13
Description  Cryogen-Free Solution for Terahertz Absorption Spectroscopy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD13 Datasheet(HTML) 5 Page - Wavelength Electronics, Inc.

  CS-LD13 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD13 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD13 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD13 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD13 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Case Study CS-LD13 Rev. A
Page 5
© 2025 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
KEYWORDS
Terahertz, spectroscopy, pyroelectric receiver, detector,
quantum cascade laser, QCL, THz, QCL1000 OEM,
room-temperature, helium-cooled, high-resolution, laser
driver, miniaturized detectors, ammonia
PRODUCTS USED
QCL1000 OEM
REVISION HISTORY
Document Number: CS-LD13
REVISION
DATE
NOTES
A
January 2025
Initial Release
REFERENCES
1. Wubs, J.R., Macherius, U., Lu, X., et al. Performance
of a High-Speed Pyroelectric Receiver as Cryogen-
Free Detector for Terahertz Absorption Spectroscopy
Measurements. App Sci 14, 3967 (2024).
https://doi.
org/10.3390/app14103967
USEFUL LINKS
•
QCL1000 OEM
Product Page
PERMISSIONS
Figures 1 - 5 in this case study were obtained from
Reference 1. The article (Ref. 1) is distributed under terms
of Creative Commons Attribution 4.0 International License
(https://creativecommons.org/licenses/by/4.0/),
which
permits unrestricted use, distribution, and reproduction in
any medium, provided that you give appropriate credit to
the original authors and the source, provide a link to the
Creative Commons license, and indicate if changes were
made.
No changes were made to the captions or images. They are
presented here in their original form.
WAVELENGTH'S ROLE
To optimize the performance and testing of the high-speed
LiTaO
3 pyroelectric receiver, researchers integrated the
innovative capabilities of Wavelength Electronics' QCL1000
OEM driver. This essential component is designed to
provide precise control over QCL drive currents, which is
critical for ensuring optimal sensitivity and accuracy in THz
absorption spectroscopy measurements.
Given the significant impact of temperature and noise on the
pyroelectric receiver's performance, ultra-low noise current
drivers were required. Wavelength Electronics' QCL1000
OEM driver operates with a low noise floor, maintaining an
output current RMS noise of less than 0.7 μA at operating
frequencies up to 100 kHz. This level of noise reduction
is vital for accurately capturing the rapid spectral features
without introducing artifacts, thereby ensuring a clean
spectral absorption profile.
The driver was specifically utilized to drive the THz quantum
cascade laser that emits the THz radiation necessary for
the absorption spectroscopy measurements. It offers a
maximum output of 1 A with a compliance voltage of 16 V,
allowing researchers to finely tune the applied current
to the QCL and subsequently to the pyroelectric receiver.
Continuous ramping of the laser current was required for
fast measurements with high spectral resolution. Because
the spectral resolution of the system is given by the laser
linewidth, the laser drive must maintain a narrow linewidth
from the QCL. The QCL1000 OEM driver achieved this with
a narrow linewidth of 2 x 10-4 cm-1, approximately 6 MHz.
With a typical stability of around 10 ppm, the QCL1000 OEM
driver ensures optimal operating conditions for both the THz
QCL and the pyroelectric receiver, significantly enhancing
measurement capabilities. This integration has proven
instrumental in achieving high-speed data acquisition rates
of up to 281 Hz without compromising the integrity of the
recorded spectra. By utilizing the advanced features of the
QCL1000 OEM driver to drive the THz QCL, the study of
THz absorption phenomena has become more robust,
paving the way for innovative applications in spectroscopy
and materials analysis.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com