Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD13 Datasheet(PDF) 1 Page - Wavelength Electronics, Inc.

Part # CS-LD13
Description  Cryogen-Free Solution for Terahertz Absorption Spectroscopy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD13 Datasheet(HTML) 1 Page - Wavelength Electronics, Inc.

  CS-LD13 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD13 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD13 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD13 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD13 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2025 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Case Study CS-LD13 Rev. A
Cryogen-Free Solution
for Terahertz Absorption
Spectroscopy
January, 2025
Page 1
ABSTRACT
Researchers from Germany have developed a high-speed pyroelectric receiver using a LiTaO
3 pyroelectric
detector as a cryogen-free solution for terahertz (THz) absorption spectroscopy measurements. This
receiver can record spectra at frequencies up to 281 Hz without introducing artifacts into the observed
spectral absorption profile. By operating at room temperature, the compact system provides a practical and
efficient alternative to cryogenically cooled detectors, making it more accessible for various applications.
The high sensitivity and stability of the receiver in capturing THz absorption spectra show its potential as a
reliable platform for THz spectroscopy, offering robust performance without the need for complex cooling
infrastructure.
CRYOGENIC COOLING
Cryogenic cooling has long been the standard in high-
sensitivity detection systems, particularly in applications
requiring the measurement of low-energy signals, such
as terahertz (THz) spectroscopy. By cooling detectors
to extremely low temperatures, often using liquid helium
or nitrogen, thermal noise can be minimized, leading to
improved signal-to-noise ratios and enhanced detection
sensitivity. These cryogenically cooled systems have
been widely used in fields like chemistry, physics, medical
imaging, and material analysis, where accurate detection of
weak electromagnetic signals is crucial.
However, the reliance on cryogenic cooling presents
significant challenges. Cryogenic systems are complex,
expensive, and require continuous maintenance, including
replenishing cooling agents. The use of liquid helium, in
particular, has become more problematic due to increasing
scarcity and cost. Additionally, these systems are bulky and
limit the portability of devices, making them less practical
for widespread use, especially in industrial or field-based
applications. As a result, there is a growing demand
for cryogen-free detectors that can operate at room
temperature while still providing the high sensitivity required
for precise measurements.
Cryogen-free detectors offer a more practical, compact, and
cost-effective solution, eliminating the need for cumbersome
cooling systems. Developing such detectors, including
those based on pyroelectric materials, is critical for high-
resolution THz spectroscopy in astronomy, atmospheric
research, and plasma diagnostics.1 These detectors can
enable more accessible and flexible setups, allowing for
wider adoption across different sectors and applications
without sacrificing performance.
PROBLEMS AND GOALS
Although cryogenic detectors are highly effective for THz
spectroscopy, their drawbacks highlight the need for more
practical, cost-efficient solutions. The limited bandwidth of
cryogenically cooled devices, such as bolometers, imposes
significant constraints on measuring THz absorption
spectra, as it hampers their ability to effectively capture fast
or broadband signals. Similarly, early pyroelectric detector
designs are hindered by their low speed and relatively poor
sensitivity, making them less suitable for high-precision
applications. While cryogenically cooled detectors have
traditionally provided high sensitivity to reduce thermal
noise, these approaches involve complex and costly
setups, requiring careful maintenance and specialized
environments.
Researchers
have
explored
cryogen-free
detector
alternatives that can operate at room temperature
while maintaining the sensitivity required for precise
THz measurements. Many of these developments still
face challenges related to sensitivity, speed, or noise
performance, making them less suitable for high-resolution
applications in THz spectroscopy. While cryogen-free
designs are explored further, rigorous testing is needed
to ensure these devices are comparable to the accuracy
and sensitivity of standard cryogenically cooled detectors.
A highly sensitive detection with high bandwidth, low
cost, compactness, and the ability to record spectra at
high frequencies without deformations is essential in the
photonics world for THz spectroscopy applications. This
study addresses these challenges by developing a cryogen-
free pyroelectric receiver capable of high-speed detection
without sacrificing sensitivity.


Similar Part No. - CS-LD13

ManufacturerPart #DatasheetDescription
logo
Wavelength Electronics,...
CS-LD10 WAVELENGTH-CS-LD10 Datasheet
2Mb / 5P
Quantification of the Removal and Inactivation of Virus Particles
October, 2023
CS-LD11 WAVELENGTH-CS-LD11 Datasheet
3Mb / 5P
Laser Absorption of Atmospheric Ammonia for Mobile Measurements
July, 2024
CS-LD12 WAVELENGTH-CS-LD12 Datasheet
2Mb / 5P
Real-time Chlorophyll Fluorescence:Enabling Higher Quality Palm Oil During Production
September, 2024
CS-LD14 WAVELENGTH-CS-LD14 Datasheet
2Mb / 5P
Multicolor Images of Hidden Materials with Interferometry Using THz QCLs
April, 2025
CS-LD15 WAVELENGTH-CS-LD15 Datasheet
3Mb / 5P
Sulfur Species Detection Using Three-Channel QCL Sensor
September, 2025
More results

Similar Description - CS-LD13

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ9062H PANASONIC-MAZ9062H Datasheet
85Kb / 3P
For surge absorption circuit
logo
Renesas Technology Corp
RKZ6.2KL RENESAS-RKZ6.2KL Datasheet
56Kb / 5P
Silicon Planar Zener Diode for Surge Absorption
RKZ6.8Z4MFAKT RENESAS-RKZ6.8Z4MFAKT Datasheet
61Kb / 5P
Silicon Planar Zener Diode for Surge Absorption
RKZ6.8ZMFAKT RENESAS-RKZ6.8ZMFAKT Datasheet
64Kb / 6P
Silicon Planar Zener Diode for Surge Absorption
logo
Panasonic Semiconductor
BF-AF10B-KA PANASONIC-BF-AF10B-KA Datasheet
0Kb / 2P
A hands-free, weatherproof solution
DZ2J043M0L PANASONIC-DZ2J043M0L Datasheet
334Kb / 5P
For constant voltage / For surge absorption circuit
logo
Emcore Corporation
PB7200 EMCORE-PB7200 Datasheet
1Mb / 4P
Portable Frequency Domain Terahertz Spectrometer
PB7220-2000-T EMCORE-PB7220-2000-T Datasheet
1Mb / 6P
Portable Frequency Domain Terahertz Spectrometer
logo
SparkFun Electronics
SEN-15050 SPARKFUN-SEN-15050 Datasheet
223Kb / 3P
SparkFun Triad Spectroscopy Sensor - AS7265x (Qwiic)
11??2??8
logo
Lumileds Lighting Compa...
L1IG-0750100000000 LUMILEDS-L1IG-0750100000000 Datasheet
1Mb / 14P
Industry leading broadband IR solution for spectroscopy and hyperspectral imaging applications
20190729
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com