Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD13 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # CS-LD13
Description  Cryogen-Free Solution for Terahertz Absorption Spectroscopy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD13 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  CS-LD13 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD13 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD13 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD13 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD13 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Case Study CS-LD13 Rev. A
Page 4
© 2025 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
According to the Lambert-Beer law, the area under the
absorption profile is directly proportional to the density of
ammonia measured which can be related to the pressure
inside the cell. Using this, the calculated pressure inside
the gas cell resulted in 1.65 ± 0.10 mbar which is in
excellent agreement with both the analysis with a broader
tuning range and with the precisely known pressure of
1.61 ± 0.01 mbar.1
Unlike cryogen-free spectrometers, the pyroelectric detector
enables fast data acquisition and high sensitivity with its
high bandwidth for avoiding deformations of the absorption
features.1 To further demonstrate this design as a reliable
detector for absorption spectroscopy measurements in the
THz range, the noise level of the pyroelectric receiver was
compared to that of the bolometer.
Figure 5 shows the
standard deviation of the noise of the absorption spectra as
a function of total measurement time.1
Figure 5. Standard deviation of the noise of absorption
spectra recorded with the bolometer (at a tuning
frequency of 11 Hz) and the pyroelectric receiver (at a
tuning frequency of 201 Hz) as a function of the total
measurement time.1
The results for both the bolometer and pyroelectric receiver
lie on a line with a slope of -0.5, as is expected for shot-
noise limited detection. This implies that white noise is the
dominating noise contribution for measurement times below
10 seconds.1 For single measurements with the pyroelectric
receiver, the SNR is worse by approximately a factor of 10
compared to the SNR of single measurements performed
by the bolometer. However, the SNRs of absorption spectra
recorded with the same measurement time differ by only
a factor of 2. Purging can improve the SNR by a factor of
3 to 4 depending on experiment humidity levels. Based
on the noise measured, the resulting detection limits are
4 x 1014 cm-3 for the pyroelectric receiver, which is only a
factor of 2 higher than the bolometer.
This research demonstrates the successful implementation
of a high-speed, cryogen-free pyroelectric receiver for
terahertz absorption spectroscopy, offering a compact and
efficient alternative to traditional helium-cooled detectors.
The experimental setup enabled high-resolution spectral
measurements with minimal noise and artifact-free
absorption profiles, achieving data acquisition rates up to
281 Hz and frequencies up to 1 kHz are possible with a
design upgrade. The results were in excellent agreement
with known values obtained through other established
methods, validating the reliability and accuracy of this
innovative approach. By eliminating the need for cryogenic
cooling, this design simplifies experimental setups and
represents a significant step forward in advancing practical
terahertz spectroscopy systems in a broad range of
applications.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com