Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD13 Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # CS-LD13
Description  Cryogen-Free Solution for Terahertz Absorption Spectroscopy
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD13 Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  CS-LD13 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD13 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD13 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD13 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD13 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Case Study CS-LD13 Rev. A
Page 3
© 2025 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
After the detector was characterized and calibrated with a
laser diode, THz absorption spectroscopy measurements
were performed to test and validate the capabilities of the
cryogen-free detector. All results were performed with a
bolometer as a separate THz detector to compare results
with known values. The THz absorption spectroscopy
was performed on a reference gas cell (RGC) filled with
ammonia (NH
3). The RGC has a length of 15 cm and
was filled with pure NH
3 to a precisely known pressure of
1.61 ± 0.01 mbar.1 Measurements were made with laser
tuning frequencies of 11 Hz and 201 Hz with a tuning range
of 480 mA to 600 mA.
RESULTS
The raw results of the experiments are presented in
Figure 3. Two absorption features can be observed
which are identified as the R(7,5)-transition of 15NH
3 at
approximately 580 mA and the aR(7,2)-transition of 14NH
3
at approximately 530 mA. The more prominent absorption
feature at ~580 mA can be better seen in
Figure 3b with
a more narrow tuning range. Both absorption features
were recorded without significant deformations even for
the high tuning frequency of 201 Hz. In comparison, the
same absorption features measured with a bolometer were
asymmetrically deformed for a tuning frequency of only
10 Hz.1 Deformation limits with the pyroelectric receiver
were only seen when tuning frequencies were above
the maximum speed of the chopper. Changing to a faster
chopper would enable high-frequency analysis.
The major difference between the 11 Hz and 201 Hz
frequencies is the baseline or the line corresponding to zero
intensity detected. A flat horizontal line is approximated for
the 201 Hz frequency while a sloping line is approximated
for the 11 Hz frequency. If the baselines were subtracted
from the curves, the shapes would, theoretically, be the
same. Because correctly determining the baseline is
critical for accurately calculating the ammonia density and
pressure in the cell, the pyroelectric receiver is best suited
for absorption measurements with laser tuning frequencies
of 201 Hz or higher.
From the raw spectrum in
Figure 3, the absorbance can
be calculated using the measured intensity concerning the
baseline and the intensity that would have been measured
without absorption. The resulting absorption spectrum is
shown in
Figure 4 where it has no pronounced W shape
or distortion when compared to measurements with a
bolometer.1
Figure 4. Spectral absorption profile of the R(7,5)-
transition of 15NH
3 at 158.257314 cm
−1
, measured in an
RGC with NH
3 (pressure of 1.6 mbar, length of 15 cm)
using a laser tuning frequency of 201 Hz and a tuning
range of 564 mA to 590 mA. The measured data are
averaged over 2000 single measurements. A Voigt fit was
fitted to the profile; the corresponding residual is given
in the bottom part of the figure.1
Figure 3. Measurements on an RGC with NH
3 (pressure of 1.6 mbar, length of 15 cm) for different laser tuning frequencies
using (a) a tuning range of 480 mA to 600 mA and (b) a tuning range of 564 mA to 590 mA. The measured data are averaged
over 2000 single measurements. The data for 201 Hz are vertically shifted by +1 V for a better comparison.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com