Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD16 Datasheet(PDF) 2 Page - Wavelength Electronics, Inc.

Part # CS-LD16
Description  Self-Detecting Dual-Comb Spectroscopy with Injection-Locked QCLs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD16 Datasheet(HTML) 2 Page - Wavelength Electronics, Inc.

  CS-LD16 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD16 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD16 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD16 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD16 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Case Study CS-LD16 Rev. A
Page 2
© 2025 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
METHOD
To overcome these challenges, researchers from Beijing,
China and Evanston, IL developed a self-detecting
dual-comb spectroscopy system that combines both
light emission and detection within a single QCL chip at
λ ≈ 4.6µm (
Figure 1). This integration eliminates the need
for external photodetectors and reduces system size, cost,
and sensitivity to feedback or vibration. By embedding
the detection function directly within the laser structure,
the design simplifies the optical layout while improving
measurement reliability and noise immunity.
Using injection-locking to synchronize two QCL frequency
combs (
Figure 2), researchers maintained phase
coherence across a broad optical bandwidth without
additional stabilization optics. This compact, detector-free
configuration enables fast, broadband spectral acquisition
while preserving high signal-to-noise ratio and resolution,
advancing mid-infrared spectroscopy toward a truly portable
and industrial-ready design.
The system utilized two injection-locked distributed-
feedback (DFB) quantum cascade lasers fabricated on a
hybrid monolithic integrated waveguide (HMIWG) platform.
The emitted laser light frequencies are combined using
the injection locking to produce a self-detected multi-
heterodyne signal within the same chip structure without
requiring an external photodetector.
Figure 2. Fundamental and higher harmonic-state
injection locking for HMIWG QCLs. The experimental
setup for RF-injection-locking measurement, including
spectrum analyzer, signal generator, Fourier transform
infrared spectrometer, circulator, and power supply
(Wavelength Electronics, QCL2000 LAB).1
The QCLs were powered by Wavelength Electronics’
QCL2000 LAB instruments, chosen for their ultra-low noise,
high modulation bandwidth, and precise current control,
ensuring stable injection conditions for both lasers. The
device operated near 10ºC - 45ºC with a threshold current
density of 2.05 kA/cm2 and continuous-wave output power
of ~700 mW.
Figure 1. High-speed design and characterizations for HMIWG QCLs. a) Schematic diagram of devices based on a hybrid-
monolithic-integration waveguide structure with high-speed packaging. Inset: false-colored scanning electron microscopy
image (SEM) of the front facet of a device. b) Schematic diagram of a segregated-CPW structure. c) L–I–V characterization
of a 4.5-mm-long high reflective coated device in continuous-wave (CW) operation at 10−45°C. d) Normalized electrical
rectification data of the HMIWG device and that of a reference device without high-speed packaging. e) Free running
beatnote mapping as a function of drive current measured at 15°C in CW mode. RBW is set as 300kHz and VBW is 3kHz.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com