Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD16 Datasheet(PDF) 5 Page - Wavelength Electronics, Inc.

Part # CS-LD16
Description  Self-Detecting Dual-Comb Spectroscopy with Injection-Locked QCLs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD16 Datasheet(HTML) 5 Page - Wavelength Electronics, Inc.

  CS-LD16 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD16 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD16 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD16 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD16 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Case Study CS-LD16 Rev. A
Page 5
© 2025 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
KEYWORDS
Dual-comb spectroscopy, optical frequency comb,
quantum cascade laser, radio frequency injection
locking, RF, self detection, quantum cascade laser, QCL,
QCL2000 LAB, laser driver
PRODUCTS USED
QCL2000 LAB
REVISION HISTORY
Document Number: CS-LD16
REVISION
DATE
NOTES
A
November 2025
Initial Release
REFERENCES
1. Ma, Y., Wu, D., Huang, R., Zhang, S., Zhou, B., Ma,
Z., Sun, Y., Liu, J., Zhuo, N., Zhang, J., Zhai, S., Liu,
S., Liu, F., Razeghi, M. and Lu, Q., Self-Detecting Mid-
Infrared Dual-Comb Spectroscopy Based on High-
Speed Injection-Locked Quantum Cascade Lasers.
Adv. Photonics Res., 6: 2500062 (2025)
https://doi.
org/10.1002/adpr.202500062
USEFUL LINKS
•
QCL2000 LAB
Product Page
PERMISSIONS
Figures 1 - 4 in this case study were obtained from
Reference 1. The article (Ref. 1) is distributed under terms
of Creative Commons Attribution 4.0 International License
(https://creativecommons.org/licenses/by/4.0/),
which
permits unrestricted use, distribution, and reproduction
in any medium, provided that you give appropriate credit
to the original authors and the source, provide a link to the
Creative Commons license, and indicate if changes were
made.
Figure 2 was cropped and the caption for Figure 2 was
modified. No changes were made to the other captions or
images. They are presented here in their original form.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com