Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS-LD16 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # CS-LD16
Description  Self-Detecting Dual-Comb Spectroscopy with Injection-Locked QCLs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

CS-LD16 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  CS-LD16 Datasheet HTML 1Page - Wavelength Electronics, Inc. CS-LD16 Datasheet HTML 2Page - Wavelength Electronics, Inc. CS-LD16 Datasheet HTML 3Page - Wavelength Electronics, Inc. CS-LD16 Datasheet HTML 4Page - Wavelength Electronics, Inc. CS-LD16 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Case Study CS-LD16 Rev. A
Page 4
© 2025 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 4. Self-detecting DCS based on injection-locked HMIWG QCLs. a) Experimental setup for self-detecting DCS
system based on injection-locked QCLs. b) Multiheterodyne spectra (real-time acquisition) of the two combs without
RF injection and with RF injection. RBW: 510kHz, acquisition time: ≈3.35ms. c) Beatnotes of the Comb 1 and Comb 2
measured with a spectra analyzer, both linewidths of two combs are less than 1kHz. d) A typical dual-comb tooth under
RF injection (green line, corresponding to the red circle in Figure 4b) with a FWHM of ≈10kHz, and a typical dual-comb
tooth without RF injection (orange line, corresponding to the red circle in Figure 4b) with an FWHM of 109.4kHz. The
corresponding RBWs are 7.5 and 75kHz, respectively.1
protections, and active and passive interlocks, features
that safeguard sensitive QCLs during extended operation.
This combination of protection, bandwidth, and noise
performance enabled the researchers to achieve broadband
spectral resolution and compact self-detection in a single,
integrated mid-infrared chip for dual-comb spectroscopy.
Wavelength Electronics partners with leading researchers
and high-tech developers worldwide, providing precision
control electronics that empower innovation in spectroscopy,
sensing, and photonic integration.
WAVELENGTH'S ROLE
Stable and precise laser operation was critical to
maintaining the dual-comb coherence and low phase
noise required for self-detection. Wavelength Electronics'
QCL2000 LAB driver provided ultra-low current noise and
high dynamic response, enabling consistent laser injection-
locking and stable beatnote generation. Its wide modulation
bandwidth supported the system’s RF operation while
minimizing baseline drift and electrical interference. With
current noise density below 1.3 µA RMS up to 100 kHz
and modulation capability extending to 3 MHz, the driver
maintained clean spectral performance and preserved
the stable drive current essential for dual-comb operation.
By supplying a highly stable, low-noise drive current with
precision setpoint control and integrated safety circuitry,
the QCL2000 LAB ensured long-term reliability for both
lasers under continuous-wave operation. Its intuitive
user interface simplified system integration and allowed
precise synchronization with the RF injection-locking
electronics. The instrument benchtop package also
includes programmable current limits, brown-out and short



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com